Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 83 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 83 Page - Intel Corporation

Back Button 3000 Datasheet HTML 79Page - Intel Corporation 3000 Datasheet HTML 80Page - Intel Corporation 3000 Datasheet HTML 81Page - Intel Corporation 3000 Datasheet HTML 82Page - Intel Corporation 3000 Datasheet HTML 83Page - Intel Corporation 3000 Datasheet HTML 84Page - Intel Corporation 3000 Datasheet HTML 85Page - Intel Corporation 3000 Datasheet HTML 86Page - Intel Corporation 3000 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 102 page
background image
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
85
Thermal Specifications and Design Considerations
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse bias.
2.
Same as IFW in Table 5-5.
3.
Preliminary data. Will be characterized across a temperature range of 50–80 °C.
4.
Not 100% tested. Specified by design characterization.
5.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as
exemplified by the equation for the collector current:
IC = IS * (e qVBE/nQkT –1)
Where IS = saturation current, q = electronic charge, VBE = voltage across the transistor
base emitter junction (same nodes as VD), k = Boltzmann Constant, and T = absolute
temperature (Kelvin).
6.
The series resistance, RT, provided in the Diode Model Table (Table 5-5) can be used for
more accurate readings as needed.
The Intel Core2 Extreme processor X6800 and Intel Core2 Duo desktop processor
E6000 and E4000 sequences do not support the diode correction offset that exists on
other Intel processors.
5.4
Platform Environment Control Interface (PECI)
5.4.1
Introduction
PECI offers an interface for thermal monitoring of Intel processor and chipset
components. It uses a single wire, thus alleviating routing congestion issues.
Figure 5-6 shows an example of the PECI topology in a system. PECI uses CRC
checking on the host side to ensure reliable transfers between the host and client
devices. Also, data transfer speeds across the PECI interface are negotiable within a
wide range (2 Kbps to 2 Mbps). The PECI interface on the processor is disabled by
default and must be enabled through BIOS. More information on this can be found in
the Conroe BIOS Writer’s Guide.
Table 5-6.
Thermal “Diode” Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
µA
1, 2
IE
Emitter Current
5
—
200
nQ
Transistor Ideality
0.997
1.001
1.005
-
3, 4, 5
Beta
0.391
—
0.760
3, 4
RT
Series Resistance
2.79
4.52
6.24
Ω
3, 6
Table 7.
Thermal Diode Interface
Signal Name
Land Number
Signal
Description
THERMDA
AL1
diode anode
THERMDC
AK1
diode cathode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com