Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 26 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 3000 Datasheet HTML 22Page - Intel Corporation 3000 Datasheet HTML 23Page - Intel Corporation 3000 Datasheet HTML 24Page - Intel Corporation 3000 Datasheet HTML 25Page - Intel Corporation 3000 Datasheet HTML 26Page - Intel Corporation 3000 Datasheet HTML 27Page - Intel Corporation 3000 Datasheet HTML 28Page - Intel Corporation 3000 Datasheet HTML 29Page - Intel Corporation 3000 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
Electrical Specifications
28
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
Note:
1.
VTT supplies the PECI interface. PECI behavior does not affect VTT min/max specifications.
2.
The leakage specification applies to powered devices on the PECI bus.
3.
The input buffers use a Schmitt-triggered input design for improved noise immunity.
Table 2-13. CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Max
Unit
Notes1
Notes:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
VIL
Input Low Voltage
-0.10
VTT * 0.30
V
2, 3
2. VIL is defined as the voltage range at a receiving agent that will be interpreted as a logical low value.
3. The VTT referred to in these specifications refers to instantaneous VTT.
VIH
Input High Voltage
VTT * 0.70
VTT + 0.10
V
3, 4, 5
4. VIH is defined as the voltage range at a receiving agent that will be interpreted as a logical high value.
5. VIH and VOH may experience excursions above VTT.
VOL
Output Low Voltage
-0.10
VTT * 0.10
V
3
VOH
Output High Voltage
0.90 * VTT
VTT + 0.10
V
3, 6, 5
6. All outputs are open drain.
IOL
Output Low Current
1.70
4.70
mA
3, 7
7. IOL is measured at 0.10 * VTT. IOH is measured at 0.90 * VTT.
IOH
Output High Current
1.70
4.70
mA
3, 7
ILI
Input Leakage Current
N/A
± 100
µA
8
8. Leakage to VSS with land held at VTT.
ILO
Output Leakage Current
N/A
± 100
µA
9
9. Leakage to VTT with land held at 300 mV.
Table 2-14. PECI DC Electrical Limits
Symbol
Definition and Conditions
Min
Max
Units
Notes
Vin
Input Voltage Range
-0.15
VTT+ 0.15
V
Vhysteresis
Hysteresis
0.1 * VTT
—V
3
Vn
Negative-edge threshold voltage
0.275 * VTT
0.500 * VTT
V
Vp
Positive-edge threshold voltage
0.550 * VTT
0.725 * VTT
V
Isource
High level output source
(VOH = 0.75 * VTT)
-6.0
N/A
mA
Isink
Low level output sink
(VOL = 0.25 * VTT)
0.5
1.0
mA
Ileak+
High impedance state leakage to VTT
N/A
50
µA
2
Ileak-
High impedance leakage to GND
N/A
10
µA
2
Cbus
Bus capacitance
—
10
pF
Vnoise
Signal noise immunity above 300 MHz
0.1 * VTT
—Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com