Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 80 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 80 Page - Intel Corporation

Back Button 3000 Datasheet HTML 76Page - Intel Corporation 3000 Datasheet HTML 77Page - Intel Corporation 3000 Datasheet HTML 78Page - Intel Corporation 3000 Datasheet HTML 79Page - Intel Corporation 3000 Datasheet HTML 80Page - Intel Corporation 3000 Datasheet HTML 81Page - Intel Corporation 3000 Datasheet HTML 82Page - Intel Corporation 3000 Datasheet HTML 83Page - Intel Corporation 3000 Datasheet HTML 84Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 102 page
background image
Thermal Specifications and Design Considerations
82
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
voltage transition back to the normal system operating point. Transition of the VID code
will occur first, to insure proper operation once the processor reaches its normal
operating frequency. Refer to Figure 5-5 for an illustration of this ordering.
The PROCHOT# signal is asserted when a high temperature situation is detected,
regardless of whether Thermal Monitor or Thermal Monitor 2 is enabled.
It should be noted that the Thermal Monitor 2 TCC cannot be activated via the on
demand mode. The Thermal Monitor TCC, however, can be activated through the use of
the on demand mode.
5.2.3
On-Demand Mode
The processor provides an auxiliary mechanism that allows system software to force
the processor to reduce its power consumption. This mechanism is referred to as “On-
Demand” mode and is distinct from the Thermal Monitor feature. On-Demand mode is
intended as a means to reduce system level power consumption. Systems using the
processor must not rely on software usage of this mechanism to limit the processor
temperature.
The processor provides an auxiliary mechanism that allows system software to force
the processor to reduce its power consumption. This mechanism is referred to as
“On-Demand” mode and is distinct from the Thermal Monitor and Thermal Monitor 2
features. On-Demand mode is intended as a means to reduce system level power
consumption. Systems must not rely on software usage of this mechanism to limit the
processor temperature. If bit 4 of the IA32_CLOCK_MODULATION MSR is set to a 1, the
processor will immediately reduce its power consumption via modulation (starting and
stopping) of the internal core clock, independent of the processor temperature. When
using On-Demand mode, the duty cycle of the clock modulation is programmable via
bits 3:1 of the same IA32_CLOCK_MODULATION MSR. In On-Demand mode, the duty
cycle can be programmed from 12.5% on/ 87.5% off to 87.5% on/ 12.5% off in 12.5%
increments. On-Demand mode may be used in conjunction with the Thermal Monitor;
Figure 5-5. Thermal Monitor 2 Frequency and Voltage Ordering
VID
Frequency
Temperature
T
TM2
f
MAX
f
TM2
VID
VID
TM2
PROCHOT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com