Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 19 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 19 Page - Intel Corporation

Back Button 3000 Datasheet HTML 15Page - Intel Corporation 3000 Datasheet HTML 16Page - Intel Corporation 3000 Datasheet HTML 17Page - Intel Corporation 3000 Datasheet HTML 18Page - Intel Corporation 3000 Datasheet HTML 19Page - Intel Corporation 3000 Datasheet HTML 20Page - Intel Corporation 3000 Datasheet HTML 21Page - Intel Corporation 3000 Datasheet HTML 22Page - Intel Corporation 3000 Datasheet HTML 23Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 102 page
background image
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
21
Electrical Specifications
Notes:
1. Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical data. These
specifications will be updated with characterized data from silicon measurements at a later date.
2. Adherence to the voltage specifications for the processor are required to ensure reliable processor operation.
3. Each processor is programmed with a maximum valid voltage identification value (VID), which is set at manufacturing and can
not be altered. Individual maximum VID values are calibrated during manufacturing such that two processors at the same
frequency may have different settings within the VID range. Note this differs from the VID employed by the processor during a
power management event (Thermal Monitor 2, Enhanced Intel SpeedStep® Technology, or Extended HALT State).
4. These voltages are targets only. A variable voltage source should exist on systems in the event that a different voltage is required.
See Section 2.3 and Table 2-1 for more information.
5. The voltage specification requirements are measured across VCC_SENSE and VSS_SENSE lands at the socket with a 100 MHz
bandwidth oscilloscope, 1.5 pF maximum probe capacitance, and 1 MΩ minimum impedance. The maximum length of ground
wire on the probe should be less than 5 mm. Ensure external noise from the system is not coupled into the oscilloscope probe.
6. Refer to Table 2-5 and Figure 2-1 for the minimum, typical, and maximum VCC allowed for a given current. The processor should
not be subjected to any VCC and ICC combination wherein VCC exceeds VCC_MAX for a given current.
7. ICC_MAX specification is based on the VCC_MAX loadline. Refer to Figure 2-1 for details.
8. VTT must be provided via a separate voltage source and not be connected to VCC. This specification is measured at the land.
9. Baseboard bandwidth is limited to 20 MHz.
10.This is maximum total current drawn from VTT plane by only the processor. This specification does not include the current coming
from RTT (through the signal line). Refer to the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines
For Desktop LGA775 Socket to determine the total ITT drawn by the system. This parameter is based on design characterization
and is not tested.
Table 2-5.
VCC Static and Transient Tolerance for Processors with 4 MB L2 Cache
ICC (A)
Voltage Deviation from VID Setting (V)1, 2, 3, 4
Notes:
1. The loadline specification includes both static and transient limits except for overshoot allowed as shown in
Section 2.6.3.
2. This table is intended to aid in reading discrete points on Figure 2-1.
3. The loadlines specify voltage limits at the die measured at the VCC_SENSE and VSS_SENSE lands. Voltage
regulation feedback for voltage regulator circuits must be taken from processor VCC and VSS lands. Refer to
the Voltage Regulator-Down (VRD) 11.0 Processor Power Delivery Design Guidelines For Desktop LGA775
Socket for socket loadline guidelines and VR implementation details.
4. Adherence to this loadline specification is required to ensure reliable processor operation.
Maximum Voltage
1.30 mΩ
Typical Voltage
1.425 mΩ
Minimum Voltage
1.55 mΩ
0
0.000
-0.019
-0.038
5
-0.007
-0.026
-0.046
10
-0.013
-0.033
-0.054
15
-0.020
-0.040
-0.061
20
-0.026
-0.048
-0.069
25
-0.033
-0.055
-0.077
30
-0.039
-0.062
-0.085
35
-0.046
-0.069
-0.092
40
-0.052
-0.076
-0.100
45
-0.059
-0.083
-0.108
50
-0.065
-0.090
-0.116
55
-0.072
-0.097
-0.123
60
-0.078
-0.105
-0.131
65
-0.085
-0.112
-0.139
70
-0.091
-0.119
-0.147
75
-0.098
-0.126
-0.154



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com