Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 27 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 27 Page - Intel Corporation

Back Button 3000 Datasheet HTML 23Page - Intel Corporation 3000 Datasheet HTML 24Page - Intel Corporation 3000 Datasheet HTML 25Page - Intel Corporation 3000 Datasheet HTML 26Page - Intel Corporation 3000 Datasheet HTML 27Page - Intel Corporation 3000 Datasheet HTML 28Page - Intel Corporation 3000 Datasheet HTML 29Page - Intel Corporation 3000 Datasheet HTML 30Page - Intel Corporation 3000 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 102 page
background image
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
29
Electrical Specifications
2.7.3.1
GTL+ Front Side Bus Specifications
In most cases, termination resistors are not required as these are integrated into the
processor silicon. See Table 2-9 for details on which GTL+ signals do not include on-die
termination.
Valid high and low levels are determined by the input buffers by comparing with a
reference voltage called GTLREF. Table 2-15 lists the GTLREF specifications. The GTL+
reference voltage (GTLREF) should be generated on the system board using high
precision voltage divider circuits.
2.7.4
Clock Specifications
2.7.5
Front Side Bus Clock (BCLK[1:0]) and Processor Clocking
BCLK[1:0] directly controls the FSB interface speed as well as the core frequency of the
processor. As in previous generation processors, the processor’s core frequency is a
multiple of the BCLK[1:0] frequency. The processor bus ratio multiplier will be set at its
default ratio during manufacturing. Refer to Table 2-16 for the processor supported
ratios.
The processor uses a differential clocking implementation. For more information on the
processor clocking, contact your Intel Field representative. Platforms using a CK505
Clock Synthesizer/Driver should comply with the specifications in Section 2.7.8.
Platforms using a CK410 Clock Synthesizer/Driver should comply with the specifications
in Section 2.7.9.
Table 2-15. GTL+ Bus Voltage Definitions
Symbol
Parameter
Min
Typ
Max
Units
Notes1
Notes:
1. Unless otherwise noted, all specifications in this table apply to all processor frequencies.
GTLREF_PU
GTLREF pull up resistor on
Mukilteo-2 (3000/3010) chipset
family boards
124 * 0.99
124
124 * 1.01
Ω
2
2. GTLREF is to be generated from VTT by a voltage divider of 1% resistors (one divider for each GTLEREF land).
Refer to the applicable platform design guide for implementation details.
GTLREF_PD
GTLREF pull down resistor on
Mukilteo-2 (3000/3010) chipset
family boards
210 * 0.99
210
210 * 1.01
Ω
2
GTLREF_PU
GTLREF pull up resistor on
Bearlake chipset family boards
100 * 0.99
100
100 * 1.01
Ω
2
GTLREF_PD
GTLREF pull down resistor on
Bearlake chipset family boards
200 * 0.99
200
200 * 1.01
Ω
2
RTT
Termination Resistance
45
50
55
Ω
3
3. RTT is the on-die termination resistance measured at VTT/3 of the GTL+ output driver. Refer to the appropriate
platform design guide for the board impedance. Refer to processor I/O buffer models for I/V characteristics.
COMP[3:0]
COMP Resistance
49.40
49.90
50.40
Ω
4
4. COMP resistance must be provided on the system board with 1% resistors. See the applicable platform design
guide for implementation details. COMP[3:0] and COMP8 resistors are to VSS.
COMP8
COMP Resistance
24.65
24.90
25.15
Ω
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com