Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 16 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 16 Page - Intel Corporation

Back Button 3000 Datasheet HTML 12Page - Intel Corporation 3000 Datasheet HTML 13Page - Intel Corporation 3000 Datasheet HTML 14Page - Intel Corporation 3000 Datasheet HTML 15Page - Intel Corporation 3000 Datasheet HTML 16Page - Intel Corporation 3000 Datasheet HTML 17Page - Intel Corporation 3000 Datasheet HTML 18Page - Intel Corporation 3000 Datasheet HTML 19Page - Intel Corporation 3000 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 102 page
background image
Electrical Specifications
18
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
2.4
Market Segment Identification (MSID)
The MSID[1:0] signals may be used as outputs to determine the Market Segment of
the processor. Table 2-2 provides details regarding the state of MSID[1:0]. A circuit can
be used to prevent 130 W TDP processors from booting on boards optimized for
65 W TDP.
Notes:
1.
The MSID[1:0] signals are provided to indicate the Market Segment for the processor and may be used for
future processor compatibility or for keying. Circuitry on the motherboard may use these signals to identify
the processor installed.
2.
These signals are not connected to the processor die.
3.
A logic 0 is achieved by pulling the signal to ground on the package.
4.
A logic 1 is achieved by leaving the signal as a no connect on the package.
2.5
Reserved, Unused, and TESTHI Signals
All RESERVED lands must remain unconnected. Connection of these lands to VCC, VSS,
VTT, or to any other signal (including each other) can result in component malfunction
or incompatibility with future processors. See Chapter 4 for a land listing of the
processor and the location of all RESERVED lands.
In a system level design, on-die termination has been included by the processor to
allow signals to be terminated within the processor silicon. Most unused GTL+ inputs
should be left as no connects as GTL+ termination is provided on the processor silicon.
However, see Table 2-8 for details on GTL+ signals that do not include on-die
termination.
Unused active high inputs, should be connected through a resistor to ground (VSS).
Unused outputs can be left unconnected, however this may interfere with some TAP
functions, complicate debug probing, and prevent boundary scan testing. A resistor
must be used when tying bidirectional signals to power or ground. When tying any
signal to power or ground, a resistor will also allow for system testability. Resistor
values should be within ± 20% of the impedance of the motherboard trace for front
side bus signals. For unused GTL+ input or I/O signals, use pull-up resistors of the
same value as the on-die termination resistors (RTT). For details, see Table 2-15.
TAP and CMOS signals do not include on-die termination. Inputs and used outputs must
be terminated on the motherboard. Unused outputs may be terminated on the
motherboard or left unconnected. Note that leaving unused outputs unterminated may
interfere with some TAP functions, complicate debug probing, and prevent boundary
scan testing.
All TESTHI[13:0] lands should be individually connected to VTT via a pull-up resistor
that matches the nominal trace impedance.
Table 2-2.
Market Segment Selection Truth Table for MSID[1:0]1, 2, 3, 4
MSID1
MSID0
Description
00
Dual-Core Intel® Xeon® processor 3000 series
01
Reserved
10
Reserved
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com