Electronic Components Datasheet Search
  English  ▼

X  

3000 Datasheet(PDF) 22 Page - Intel Corporation

Part # 3000
Description  Dual-Core Intel Xeon Processor
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

3000 Datasheet(HTML) 22 Page - Intel Corporation

Back Button 3000 Datasheet HTML 18Page - Intel Corporation 3000 Datasheet HTML 19Page - Intel Corporation 3000 Datasheet HTML 20Page - Intel Corporation 3000 Datasheet HTML 21Page - Intel Corporation 3000 Datasheet HTML 22Page - Intel Corporation 3000 Datasheet HTML 23Page - Intel Corporation 3000 Datasheet HTML 24Page - Intel Corporation 3000 Datasheet HTML 25Page - Intel Corporation 3000 Datasheet HTML 26Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
Electrical Specifications
24
Dual-Core Intel® Xeon® Processor 3000 Series Datasheet
2.6.3
VCC Overshoot
The processor can tolerate short transient overshoot events where VCC exceeds the VID
voltage when transitioning from a high to low current load condition. This overshoot
cannot exceed VID + VOS_MAX (VOS_MAX is the maximum allowable overshoot voltage).
The time duration of the overshoot event must not exceed TOS_MAX (TOS_MAX is the
maximum allowable time duration above VID). These specifications apply to the
processor die voltage as measured across the VCC_SENSE and VSS_SENSE lands.
Notes:
1.
VOS is measured overshoot voltage.
2.
TOS is measured time duration above VID.
2.6.4
Die Voltage Validation
Overshoot events on processor must meet the specifications in Table 2-7 when
measured across the VCC_SENSE and VSS_SENSE lands. Overshoot events that are
< 10 ns in duration may be ignored. These measurements of processor die level
overshoot must be taken with a bandwidth limited oscilloscope set to a greater than or
equal to 100 MHz bandwidth limit.
Table 2-7.
VCC Overshoot Specifications
Symbol
Parameter
Min
Max
Unit
Figure
Notes
VOS_MAX
Magnitude of VCC overshoot above VID
—
50
mV
2-3
1
Notes:
1.
Adherence to these specifications is required to ensure reliable processor operation.
TOS_MAX
Time duration of VCC overshoot above VID
—
25
μs
2-3
1
Figure 2-3. VCC Overshoot Example Waveform
Example Overshoot Waveform
0
5
10
15
20
25
Time [us]
VID - 0.000
VID + 0.050
VOS
TOS
TOS: Overshoot time above VID
VOS: Overshoot above VID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com