Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 12 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 12 Page - Intel Corporation

Back Button N270 Datasheet HTML 8Page - Intel Corporation N270 Datasheet HTML 9Page - Intel Corporation N270 Datasheet HTML 10Page - Intel Corporation N270 Datasheet HTML 11Page - Intel Corporation N270 Datasheet HTML 12Page - Intel Corporation N270 Datasheet HTML 13Page - Intel Corporation N270 Datasheet HTML 14Page - Intel Corporation N270 Datasheet HTML 15Page - Intel Corporation N270 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 57 page
background image
Low Power Features
12
Datasheet
Table 2. Coordination of Thread Low-power States at the Package Level
Package State2
Thread State
C0
C11
C2
C4
C0
Normal
Normal
Normal
Normal
C11
Normal
AutoHalt
AutoHalt
AutoHalt
C2
Normal
AutoHalt
Stop-Grant
Stop-Grant
C4
Normal
AutoHalt
Stop-Grant
Deeper Sleep
/Intel® Enhanced
Deeper Sleep
NOTES:
1.
AutoHALT or MWAIT/C1.
2.
To enter a package state, both threads must be in a common low power state. If the
threads are not in a common low power state, the package state will resolve to the
highest power C state.
2.1.1
Thread Low-power State Descriptions
2.1.1.1
Thread C0 State
This is the normal operating state for threads in the processor.
2.1.1.2
Thread C1/AutoHALT Power-down State
C1/AutoHALT is a low-power state entered when a thread executes the HALT
instruction. The processor thread will transition to the C0 state upon occurrence of
SMI#, INIT#, LINT [1:0] (NMI, INTR), or FSB interrupt messages. RESET# will cause
the processor to immediately initialize itself.
A System Management Interrupt (SMI) handler will return execution to either Normal
state or the AutoHALT Power-down state. See the Intel® 64 and IA-32 Architectures
Software Developer's Manuals, Volume 3A/3B: System Programmer's Guide for more
information.
The system can generate a STPCLK# while the processor is in the AutoHALT Power-
down state. When the system de-asserts the STPCLK# interrupt, the processor will
return execution to the HALT state.
While in AutoHALT Power-down state, the processor threads will process bus snoops
and snoops from the other thread. The processor will enter a snoopable sub-state (not
shown in Figure 1) to process the snoop and then return to the AutoHALT Power-down
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com