Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 28 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 28 Page - Intel Corporation

Back Button N270 Datasheet HTML 24Page - Intel Corporation N270 Datasheet HTML 25Page - Intel Corporation N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation N270 Datasheet HTML 32Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
Electrical Specifications
28
Datasheet
impedance. The maximum length of ground wire on the probe should be less than 5 mm. Ensure external
noise from the system is not coupled in the scope probe.
3.
Specified at 90°C T
J.
4.
Specified at the nominal VCC.
5.
Measured at the bulk capacitors on the motherboard.
6.
VCC,BOOT tolerance is shown in Figure 3 and Figure 4.
7.
Based on simulations and averaged over the duration of any change in current. Specified by
design/characterization at nominal VCC. Not 100% tested.
8.
This is a power-up peak current specification, which is applicable when VCCP is high and VCC_CORE is low.
9.
This is a steady-state ICC current specification, which is applicable when both VCCP and VCC_CORE are high.
10.
The VCC max supported by the process is 1.1 V but the parameter can change (burnin voltage is higher).
11.
Unless otherwise noted, all specifications in this table are based on estimates and simulations or empirical
data. These specifications will be updated with characterized data from silicon measurements at a later
date.
Figure 3. Active VCC and ICC Processor Loadline
13 mV = Ripple
Slope = -5.9 mV/A at package
VCC_SENSE, VSS_SENSE pins.
Differential Remote Sense required.
VCC (V)
ICC (A)
VCC, DC Min[HFM][LFM]
VCC Min[HFM][LFM]
±VCC nom*1.5 %
= VR ST Pt Error 1/
VCC Nom[HFM][LFM]
VCC Max[HFM][LFM]
VCC, DC Max[HFM][LFM]
ICC max[HFM][LFM]
Note 1/ VCC Set Point Error Tolerance is per below:
Tolerance
--------------------------------
±1.5%
±11.5 mV
VCC Active Mode VID Code Range
----------------------------------------
VCC > 0.7500 V (VID 0111100)
VCC
0.7500 V (VID 0111100)
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com