Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 32 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 32 Page - Intel Corporation

Back Button N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation N270 Datasheet HTML 32Page - Intel Corporation N270 Datasheet HTML 33Page - Intel Corporation N270 Datasheet HTML 34Page - Intel Corporation N270 Datasheet HTML 35Page - Intel Corporation N270 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
Electrical Specifications
32
Datasheet
Table 11. Open Drain Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VOH
Output High Voltage
VCCP-–5%
VCCP
VCCP+5%
V
3
VOL
Output Low Voltage
0
—
0.20
V
IOL
Output Low Current
16
—
50
mA
2
I
LO
Output Leakage
Current
—
—
±200
µA
4
Cpad
Pad Capacitance
1.9
2.2
2.45
pF
5
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Measured at 0.2 VCCP.
3.
VOH is determined by value of the external pull-up resistor to VCCP.
4.
For Vin between 0 V and VOH.
5.
Cpad includes die capacitance only. No package parasitics are included.
§



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com