Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 30 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 30 Page - Intel Corporation

Back Button N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation N270 Datasheet HTML 32Page - Intel Corporation N270 Datasheet HTML 33Page - Intel Corporation N270 Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 57 page
background image
Electrical Specifications
30
Datasheet
Table 9. AGTL+ Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
GTLREF
GTL Reference Voltage
—
2/3 VCCP
—
V
6
RCOMP
Compensation Resistor
27.23
27.5
27.78
Ω
10
RODT
Termination Resistor
—
55
—
Ω
11
VIH
Input High Voltage
GTLREF+0.10
VCCP
VCCP+0.10
V
3,6
VIL
Input Low Voltage
-0.10
0
GTLREF–0.10
V
2,4
VOH
Output High Voltage
VCCP–0.10
VCCP
VCCP
V
6
R
TT
Termination Resistance
46 [SS]
46 [CC]
55
61 [SS]
64 [CC]
Ω
7, 12
RON (GTL
mode)
GTL Buffer on Resistance
21
25
29
Ω
5
ILI
Input Leakage Current
—
—
±100
µA
8
Cpad
Pad Capacitance
1.8
2.1
2.75
pF
9
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
VIL is defined as the maximum voltage level at a receiving agent that will be interpreted as a logical low
value.
3.
VIH is defined as the minimum voltage level at a receiving agent that will be interpreted as a logical high
value.
4.
VIH and VOH may experience excursions above VCCP. However, input signal drivers must comply with the
signal quality specifications.
5.
This is the pull-down driver resistance.
6.
GTLREF should be generated from VCCP with a 1% tolerance resistor divider.
7.
RTT is the on-die termination resistance measured at VOL of the AGTL+ output driver.
8.
Specified with on-die RTT and RON are turned off.
9.
Cpad includes die capacitance only. No package parasitics are included.
10.
There are external resistor on the comp0 and comp2 pins.
11.
On-die termination resistance, measured at 0.33*VCCP.
12.
SS: source synchronous pins such as quad-pumped data bus and double-pumped address bus which
require a clock strobe. CC: Common clock pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com