Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 44 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 44 Page - Intel Corporation

Back Button N270 Datasheet HTML 40Page - Intel Corporation N270 Datasheet HTML 41Page - Intel Corporation N270 Datasheet HTML 42Page - Intel Corporation N270 Datasheet HTML 43Page - Intel Corporation N270 Datasheet HTML 44Page - Intel Corporation N270 Datasheet HTML 45Page - Intel Corporation N270 Datasheet HTML 46Page - Intel Corporation N270 Datasheet HTML 47Page - Intel Corporation N270 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 57 page
background image
Package Mechanical Specifications and Pin Information
44
Datasheet
Signal Name
Type
Description
DSTBP [3:0]#
I/O
Data strobe used to latch in D [63:0]#.
Signals
Associated Strobe
D [15:0]#
DINV [0]#, DSTBP [0]#
D [31:16]#
DINV [1]#, DSTBP [1]#
D [47:32]#
DINV [2]#, DSTBP [2]#
D [63:48]#
DINV [3]#, DSTBP [3]#
FERR#/PBE#
O
FERR# (Floating-point Error)PBE#(Pending Break Event) is a
multiplexed signal and its meaning is qualified with STPCLK#.
When STPCLK# is not asserted, FERR#/PBE# indicates a floating
point when the processor detects an unmasked floating-point
error. FERR# is similar to the ERROR# signal on the Intel 387
coprocessor, and is included for compatibility with systems using
MSDOS*- type floating-point error reporting. When STPCLK# is
asserted, an assertion of FERR#/PBE# indicates that the
processor has a pending break event waiting for service. The
assertion of FERR#/PBE# indicates that the processor should be
returned to the Normal state. When FERR#/PBE# is asserted,
indicating a break event, it will remain asserted until STPCLK# is
de-asserted. Assertion of PREQ# when STPCLK# is active will
also cause an FERR# break event.
For additional information on the pending break event
functionality, including identification of support of the feature and
enable/disable information, refer to Volume 3 of the Intel® 64
and IA-32 Architectures Software Developer's Manuals and the
Intel® Processor Identification and CPUID Instruction Application
Note.
For termination requirements please contact your Intel
representative.
CMREF
PWR
CMREF determines the signal reference level for CMOS input pins.
CMREF should be set at 1/2 VCCP. CMREF is used by the CMOS
receivers to determine if a signal is a logical-0 or logical-1.
NOTE: Because of not using CMOS, CMREF and GTLREF should be
provided with 2/3 VCCP.
GTLREF
PWR
GTLREF determines the signal reference level for AGTL+ input
pins. GTLREF should be set at 2/3 VCCP. GTLREF is used by the
AGTL+ receivers to determine if a signal is a logical-0 or logical-
1.
HIT#
HITM#
I/O
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction
snoop operation results. Either FSB agent may assert both HIT#
and HITM# together to indicate that it requires a snoop stall,
which can be continued by reasserting HIT# and HITM# together.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com