Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 41 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 41 Page - Intel Corporation

Back Button N270 Datasheet HTML 37Page - Intel Corporation N270 Datasheet HTML 38Page - Intel Corporation N270 Datasheet HTML 39Page - Intel Corporation N270 Datasheet HTML 40Page - Intel Corporation N270 Datasheet HTML 41Page - Intel Corporation N270 Datasheet HTML 42Page - Intel Corporation N270 Datasheet HTML 43Page - Intel Corporation N270 Datasheet HTML 44Page - Intel Corporation N270 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 57 page
background image
Package Mechanical Specifications and Pin Information
Datasheet
41
4.3
Signal Description
Table 13. Signal Description
Signal Name
Type
Description
A [31:3]#
I/O
A [31:3]# (Address) defines a 232-byte physical memory address
space. In sub-phase 1 of the address phase, these pins transmit
the address of a transaction.
In sub-phase 2, these pins transmit transaction type information.
These signals must connect the appropriate pins of both agents
on the processor FSB. A [31:3]# are source synchronous signals
and are latched into the receiving buffers by ADSTB [1:0]#.
Address signals are used as straps which are sampled before
RESET# is de-asserted.
A20M#
I
If A20M# (Address-20 Mask) is asserted, the processor masks
physical address bit 20 (A20#) before looking up a line in any
internal cache and before driving a read/write transaction on the
bus. Asserting A20M# emulates the 8086 processor's address
wrap-around at the 1-MB boundary. Assertion of A20M# is only
supported in real mode.
A20M# is an asynchronous signal. However, to ensure
recognition of this signal following an input/output write
instruction, it must be valid along with the TRDY# assertion of
the corresponding input/output Write bus transaction.
ADS#
I/O
ADS# (Address Strobe) is asserted to indicate the validity of the
transaction address on the A [31:3]# and REQ [4:0]# pins. All
bus agents observe the ADS# activation to begin parity checking,
protocol checking, address decode, internal loop, or deferred
reply ID match operations associated with the new transaction.
ADSTB [1:0]#
I/O
Address strobes are used to latch A [31:3]# and REQ [4:0]# on
their rising and falling edges. Strobes are associated with signals
as shown below.
Signals
Associated Strobe
REQ [4:0]#, A [16:3]#
ADSTB [0]#
A [31:17]#
ADSTB [1]#
BCLK [1:0]
I
The differential pair BCLK (Bus Clock) determines the FSB
frequency. All FSB agents must receive these signals to drive
their outputs and latch their inputs.
All external timing parameters are specified with respect to the
rising edge of BCLK0 crossing VCROSS.
BNR#
I/O
BNR# (Block Next Request) is used to assert a bus stall by any
bus agent who is unable to accept new bus transactions. During a
bus stall, the current bus owner cannot issue any new
transactions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com