Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 27 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 27 Page - Intel Corporation

Back Button N270 Datasheet HTML 23Page - Intel Corporation N270 Datasheet HTML 24Page - Intel Corporation N270 Datasheet HTML 25Page - Intel Corporation N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Electrical Specifications
Datasheet
27
Table 7. Voltage and Current Specifications for the Processors
Symbol
Parameter
Min
Typ
Max
Unit
Notes13
FSB
Frequency
BCLK Frequency
132.63
133.33
133.37
MHz
VCCHFM
VCC at Highest Frequency Mode (HFM)
AVID
-
1.10
V
1, 2, 11
VCCLFM
VCC at Lowest Frequency Mode (LFM)
0.75
—
AVID
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power
Up
—
1.20
—
V
2, 6
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.10
V
VCCA
PLL Supply voltage
1.425
1.5
1.575
V
VCCDPRSLP
VCC at Deeper Sleep (C4)
0.75
—
1.0
V
1, 2
VCCF
Fuse Power Supply
1.00
1.05
1.10
V
ICCDES
ICC for Processors Recommended
Design Target (Estimated)
—
—
4.0
A
ICC for Processors
—
—
—
—
—
Processor
Number
Core Frequency/Voltage
—
—
—
—
—
ICC
N270
1.6GHz / 1.10V
—
—
3
A
3, 4
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
HFM: 1.6 GHz @ 1.10 Volts
LFM: 0.8 – 1.2 GHz @ 0.75 – 1.00
Volts
—
—
—
—
2.2
1.5
A
3, 4
IDSLP
ICC Deep Sleep
HFM: 1.6 GHz @ 1.10 Volts
LFM: 0.8 GHz @ 0.75 – 1.00 Volts
—
—
—
—
1.4
0.6
A
At 50°C 3, 4
IDPRSLP
ICC Deeper Sleep (C4)
—
—
0.2
A
At 50°C 3, 4
dICC/dt
VCC Power Supply Current Slew Rate
at Processor Package Pin (Estimated)
—
—
2.5
A/µs
5, 7
ICCA
ICC for VCCA Supply
—
—
130
mA
ICCP
ICCP before VCC Stable
—
—
2.5
A
8
ICCP
ICCP after VCC Stable
—
—
1.5
A
9
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during
manufacturing such that two processors at the same frequency may have different settings within the VID
range. Note that this differs from the VID employed by the processor during a power management event
(Thermal Monitor 2, Enhanced Intel SpeedStep technology, or Enhanced Halt State). Typical AVID range is
0.8 V to 0.85 V.
2.
The voltage specifications are assumed to be measured across VCC_SENSE and VSS_SENSE pins at socket
with a 100-MHz bandwidth oscilloscope, 1.5-pF maximum probe capacitance, and 1-MΩ minimum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com