Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 48 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 48 Page - Intel Corporation

Back Button N270 Datasheet HTML 44Page - Intel Corporation N270 Datasheet HTML 45Page - Intel Corporation N270 Datasheet HTML 46Page - Intel Corporation N270 Datasheet HTML 47Page - Intel Corporation N270 Datasheet HTML 48Page - Intel Corporation N270 Datasheet HTML 49Page - Intel Corporation N270 Datasheet HTML 50Page - Intel Corporation N270 Datasheet HTML 51Page - Intel Corporation N270 Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 57 page
background image
Package Mechanical Specifications and Pin Information
48
Datasheet
Signal Name
Type
Description
TDO
O
TDO (Test Data Out) transfers serial test data out of the
processor. TDO provides the serial output needed for JTAG
specification support. Please contact your Intel representative for
more implementation details.
TEST[1:4]
Refer to the appropriate platform design guide for further TEST1,
TEST2, TEST3, and TEST4 termination requirements and
implementation details. All TEST signals can be left as No
Connects.
THRMTRIP#
O
The processor protects itself from catastrophic overheating by
use of an internal thermal sensor. This sensor is set well above
the normal operating temperature to ensure that there are no
false trips. The processor will stop all execution when the junction
temperature exceeds approximately 125°C. This condition is
signaled to the system by the THERMTRIP# (Thermal Trip) pin.
For termination requirements, please contact your Intel
representative for more implementation details.
THRMDA
PWR
Thermal Diode - Anode
THRMDC
PWR
Thermal Diode - Cathode
TMS
I
TMS (Test Mode Select) is a JTAG specification support signal
used by debug tools. Please contact your Intel representative for
more implementation details.
TRDY#
I
TRDY# (Target Ready) is asserted by the target to indicate that it
is ready to receive a write or implicit writeback data transfer.
TRDY# must connect the appropriate pins of both FSB agents.
TRST#
I
TRST# (Test Reset) resets the Test Access Port (TAP) logic.
TRST# must be driven low during power on Reset. Please contact
your Intel representative for more implementation details.
VCCA
PWR
VCCA provides isolated power for the internal processor core
PLLs. Please contact your Intel representative for more
implementation details.
VCC
PWR
Processor core power supply
VSS
GND
Processor core ground node.
VSS / NCTF
GND
Non Critical to Function
VID [6:0]
O
VID [6:0] (Voltage ID) pins are used to support automatic
selection of power supply voltages (VCC). Unlike some previous
generations of processors, these are CMOS signals that are
driven by the processor. The voltage supply for these pins must
be valid before the VR can supply VCC to the processor.
Conversely, the VR output must be disabled until the voltage
supply for the VID pins becomes valid. The VID pins are needed
to support the processor voltage specification variations. See
Table 3 for definitions of these pins. The VR must supply the
voltage that is requested by the pins, or disable itself.
VCCP
PWR
Processor I/O Power Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com