Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 26 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 26 Page - Intel Corporation

Back Button N270 Datasheet HTML 22Page - Intel Corporation N270 Datasheet HTML 23Page - Intel Corporation N270 Datasheet HTML 24Page - Intel Corporation N270 Datasheet HTML 25Page - Intel Corporation N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
Electrical Specifications
26
Datasheet
Table 6. Processor Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Unit
Notes1,5
TSTORAGE
Processor Storage Temperature
-40
85
°C
2
V
CC, VCCP
Any Processor Supply Voltage with
Respect to V
SS
-0.3
1.10
V
1
VinAGTL+
AGTL+ Buffer DC Input Voltage
with Respect to V
SS
-0.1
1.10
V
1, 2
VinAsynch_CMOS
CMOS Buffer DC Input Voltage with
Respect to V
SS
-0.1
1.10
V
1, 2
NOTES:
1.
This rating applies to the processor and does not include any tray or packaging.
2.
Contact Intel for storage requirements in excess of one year.
3.10
Processor DC Specifications
The processor DC specifications in this section are defined at the processor core
(pads) unless noted otherwise. See Chapter 4 for the pin signal definitions and signal
pin assignments. Most of the signals on the FSB are in the AGTL+ signal group. The
DC specifications for these signals are listed in Table 9. DC specifications for the CMOS
group are listed in Table 10.
Table 9 through Table 11 list the DC specifications for the processor and are valid only
while meeting specifications for junction temperature, clock frequency, and input
voltages. The Highest Frequency Mode (HFM) and Lowest Frequency Mode (LFM) refer
to the highest and lowest core operating frequencies supported on the processor.
Active mode load line specifications apply in all states except in the Deep Sleep and
Deeper Sleep states. VCC,BOOT is the default voltage driven by the voltage regulator at
power up in order to set the VID values. Unless specified otherwise, all specifications
for the processor are at TJ = 90°C.
Note: Care should be taken to read all notes associated with each parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com