Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 23 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 23 Page - Intel Corporation

Back Button N270 Datasheet HTML 19Page - Intel Corporation N270 Datasheet HTML 20Page - Intel Corporation N270 Datasheet HTML 21Page - Intel Corporation N270 Datasheet HTML 22Page - Intel Corporation N270 Datasheet HTML 23Page - Intel Corporation N270 Datasheet HTML 24Page - Intel Corporation N270 Datasheet HTML 25Page - Intel Corporation N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
Electrical Specifications
Datasheet
23
3.4
Catastrophic Thermal Protection
The processor supports the THERMTRIP# signal for catastrophic thermal protection.
An external thermal sensor should also be used to protect the processor and the
system against excessive temperatures. Even with the activation of THERMTRIP#,
which halts all processor internal clocks and activity, leakage current can be high
enough such that the processor cannot be protected in all conditions without the
removal of power to the processor. If the external thermal sensor detects a
catastrophic processor temperature of 125°C (maximum), or if the THERMTRIP#
signal is asserted, the VCC supply to the processor must be turned off within 500 ms
to prevent permanent silicon damage due to thermal runaway of the processor.
THERMTRIP# functionality is not ensured if the PWRGOOD signal is not asserted.
3.5
Reserved and Unused Pins
All other RSVD signals can be left as No Connect. Connection of these pins to VCC, VSS,
or to any other signal (including each other) can result in component malfunction or
incompatibility with future processors. See Section 4.2 for a pin listing of the
processor and the location of all RSVD pins.
For reliable operation, always connect unused inputs or bidirectional signals to an
appropriate signal level. Unused active low AGTL+ inputs may be left as no connects if
AGTL+ termination is provided on the processor silicon. Unused active high inputs
should be connected through a resistor to ground (VSS). Unused outputs can be left
unconnected.
3.6
FSB Frequency Select Signals (BSEL [2:0])
The BSEL [2:0] signals are used to select the frequency of the processor input clock
(BCLK [1:0]). These signals should be connected to the clock chip and the appropriate
chipset on the platform. The BSEL encoding for BCLK [1:0] is shown in Table 4.
Table 4. BSEL [2:0] Encoding for BCLK Frequency
BSEL [2]
BSEL [1]
BSEL [0]
BCLK Frequency
L
L
H
133 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com