Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 31 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 31 Page - Intel Corporation

Back Button N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation N270 Datasheet HTML 32Page - Intel Corporation N270 Datasheet HTML 33Page - Intel Corporation N270 Datasheet HTML 34Page - Intel Corporation N270 Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 57 page
background image
Electrical Specifications
Datasheet
31
Table 10. Legacy CMOS Signal Group DC Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Notes1
VCCP
I/O Voltage
1.00
1.05
1.10
V
VIH
Input High Voltage
0.7*VCCP
VCCP
VCCP+0.1
V
2
VIL
Input Low Voltage
CMOS
-0.10
0.00
0.3*VCCP
V
2, 3
VOH
Output High Voltage
0.9*VCCP
VCCP
VCCP+0.1
V
2
VOL
Output Low Voltage
-0.10
0
0.1*VCCP
V
2
IOH
Output High Current
1.5
—
4.1
mA
5
IOL
Output Low Current
1.5
—
4.1
mA
4
IL
I
Input Leakage
Current
—
—
± 100
µA
6
Cpad1
Pad Capacitance
1.6
2.1
2.55
pF
7
Cpad2
Pad Capacitance for
CMOS Input
0.95
1.2
1.45
8
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
The VCCP referred to in these specifications refers to instantaneous VCCP.
3.
Reserved.
4.
Measured at 0.1*VCCP.
5.
Measured at 0.9*VCCP.
6.
For Vin between 0V and VCCP. Measured when the driver is tri-stated.
7.
Cpad1 includes die capacitance only for DPRSTP#, DPSLP#, PWRGOOD. No package
parasitics are included.
8.
Cpad2 includes die capacitance for all other CMOS input signals. No package parasitics
are included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com