Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 52 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 52 Page - Intel Corporation

Back Button N270 Datasheet HTML 48Page - Intel Corporation N270 Datasheet HTML 49Page - Intel Corporation N270 Datasheet HTML 50Page - Intel Corporation N270 Datasheet HTML 51Page - Intel Corporation N270 Datasheet HTML 52Page - Intel Corporation N270 Datasheet HTML 53Page - Intel Corporation N270 Datasheet HTML 54Page - Intel Corporation N270 Datasheet HTML 55Page - Intel Corporation N270 Datasheet HTML 56Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
Thermal Specifications and Design Considerations
52
Datasheet
Table 15. Thermal Diode Interface
Signal Name
Pin/Ball Number
Signal Description
THERMDA
E4
Thermal diode anode
THERMDC
E5
Thermal diode cathode
Table 16. Thermal Diode Parameters using Transistor Model
Symbol
Parameter
Min
Typ
Max
Unit
Notes
IFW
Forward Bias Current
5
—
200
μA
1
IE
Emitter Current
5
—
200
μA
1
nQ
Transistor Ideality
0.997
1.001
1.015
2,3,4
Beta
0.25
—
0.65
2,3
RT
Series Resistance
2.79
4.52
6.24
Ω
2,5
NOTES:
1.
Intel does not support or recommend operation of the thermal diode under reverse
bias.
2.
Characterized across a temperature range of 50–100°C.
3.
Not 100% tested. Specified by design characterization.
4.
The ideality factor, nQ, represents the deviation from ideal transistor model behavior as
exemplified by the equation for the collector current:
I
C
= I
S
* (e
qVBE/nQkT –1)
where IS = saturation current, q = electronic charge, VBE = voltage across the
transistor base emitter junction (same nodes as VD), k = Boltzmann Constant, and
T = absolute temperature (Kelvin).
5.
The series resistance, RT, provided in the Diode Model Table (Table 16) can be used for
more accurate readings as needed.
When calculating a temperature based on the thermal diode measurements, a number
of parameters must be either measured or assumed. Most devices measure the diode
ideality and assume a series resistance and ideality trim value, although are capable
of also measuring the series resistance. Calculating the temperature is then
accomplished using the equation listed under Table 16. In most sensing devices, an
expected value for the diode ideality is designed-in to the temperature calculation
equation. If the designer of the temperature sensing device assumes a perfect diode,
the ideality value (also called ntrim) will be 1.000. Given that most diodes are not
perfect, the designers usually select an ntrim value that more closely matches the
behavior of the diodes in the processor. If the processor diode ideality deviates from
that of the ntrim, each calculated temperature will be offset by a fixed amount. This
temperature offset can be calculated with the equation:
Terror(nf) = Tmeasured * (1 – nactual/ntrim)
Where Terror(nf) is the offset in degrees C, Tmeasured is in Kelvin, nactual is the measured
ideality of the diode, and ntrim is the diode ideality assumed by the temperature
sensing device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com