Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 13 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 13 Page - Intel Corporation

Back Button N270 Datasheet HTML 9Page - Intel Corporation N270 Datasheet HTML 10Page - Intel Corporation N270 Datasheet HTML 11Page - Intel Corporation N270 Datasheet HTML 12Page - Intel Corporation N270 Datasheet HTML 13Page - Intel Corporation N270 Datasheet HTML 14Page - Intel Corporation N270 Datasheet HTML 15Page - Intel Corporation N270 Datasheet HTML 16Page - Intel Corporation N270 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Low Power Features
Datasheet
13
2.1.1.3
Thread C1/MWAIT Power-down State
C1/MWAIT is a low-power state entered when the processor thread executes the
MWAIT(C1) instruction. Processor behavior in the MWAIT state is identical to the
AutoHALT state except that Monitor events can cause the processor to return to the
C0 state. See the Intel® 64 and IA-32 Architectures Software Developer's Manuals,
Volume 2A: Instruction Set Reference, A-M and Volume 2B: Instruction Set Reference,
N-Z, for more information.
2.1.1.4
Thread C2 State
Individual threads of the dual-threaded processor can enter the C2 state by initiating a
P_LVL2 I/O read to the P_BLK or an MWAIT(C2) instruction, but the processor will not
issue a Stop-Grant Acknowledge special bus cycle unless the STPCLK# pin is also
asserted.
While in the C2 state, the processor will process bus snoops and snoops from the
other thread. The processor thread will enter a snoopable sub-state (not shown in
Figure 1) to process the snoop and then return to the C2 state.
2.1.1.5
Thread C4 State
Individual threads of the processor can enter the C4 state by initiating a P_LVL4 I/O
read to the P_BLK or an MWAIT(C4) instruction. If both processor threads are in C4,
the central power management logic will request that the entire processor enter the
Deeper Sleep package low-power state (see Section 2.1.2.6).
To enable the package level Intel Enhanced Deeper Sleep state, Dynamic Cache Sizing
and Intel Enhanced Deeper Sleep state fields must be configured in the software
programmable MSR bit.
2.1.2
Package Low-power State Descriptions
The following state descriptions assume that both threads are in a common low power
state. For cases when only one thread is in a low power state (see Section 2.1.1).
2.1.2.1
Normal State
This is the normal operating state for the processor. The processor remains in the
Normal state when the threads are in the C0, C1/AutoHALT, or C1/MWAIT state.
2.1.2.2
Stop-Grant State
When the STPCLK# pin is asserted, each thread of the processors enters the Stop-
Grant state within 1384 bus clocks after the response phase of the processor-issued
Stop-Grant Acknowledge special bus cycle. When the STPCLK# pin is de-asserted, the
core returns to its previous low-power state.
Since the AGTL+ signal pins receive power from the FSB, these pins should not be
driven (allowing the level to return to VCCP) for minimum power drawn by the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com