Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 29 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 29 Page - Intel Corporation

Back Button N270 Datasheet HTML 25Page - Intel Corporation N270 Datasheet HTML 26Page - Intel Corporation N270 Datasheet HTML 27Page - Intel Corporation N270 Datasheet HTML 28Page - Intel Corporation N270 Datasheet HTML 29Page - Intel Corporation N270 Datasheet HTML 30Page - Intel Corporation N270 Datasheet HTML 31Page - Intel Corporation N270 Datasheet HTML 32Page - Intel Corporation N270 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
Electrical Specifications
Datasheet
29
Figure 4. Deeper Sleep VCC and ICC Processor Loadline
Table 8. FSB Differential BCLK Specifications
Symbol
Parameter
Min
Typ
Max
Unit
Figure
Notes1
V
IH
Input High Voltage
—
—
1.15
V
7, 8
V
OH
Input Low Voltage
—
—
-0.3
V
7, 8
V
CROSS
Crossing Voltage
0.3
—
0.55
V
2, 7, 9
ΔV
CROSS
Range of Crossing Points
—
—
140
mV
2, 7, 5
VSWING
Differential Output Swing
300
—
—
mV
6
ILI
Input Leakage Current
-5
—
+5
µA
3
Cpad
Pad Capacitance
1.2
1.45
2.0
pF
4
NOTES:
1.
Unless otherwise noted, all specifications in this table apply to all processor frequencies.
2.
Crossing Voltage is defined as absolute voltage where rising edge of BCLK0 is equal to the falling edge of
BCLK1.
3.
For Vin between 0 V and VIH.
4.
Cpad includes die capacitance only. No package parasitics are included.
5.
ΔV
CROSS is defined as the total variation of all crossing voltages as defined in note 2.
6.
Measurement taken from differential waveform.
7.
Measurement taken from single-ended waveform.
8.
“Steady state” voltage, not including Overshoots or Undershoots.
9.
Only applies to the differential rising edge (BCLK0 rising and BCLK1 falling).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com