Electronic Components Datasheet Search
  English  ▼

X  

N270 Datasheet(PDF) 45 Page - Intel Corporation

Part # N270
Description  Mobile Intel Atom Processor N270 Single Core
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

N270 Datasheet(HTML) 45 Page - Intel Corporation

Back Button N270 Datasheet HTML 41Page - Intel Corporation N270 Datasheet HTML 42Page - Intel Corporation N270 Datasheet HTML 43Page - Intel Corporation N270 Datasheet HTML 44Page - Intel Corporation N270 Datasheet HTML 45Page - Intel Corporation N270 Datasheet HTML 46Page - Intel Corporation N270 Datasheet HTML 47Page - Intel Corporation N270 Datasheet HTML 48Page - Intel Corporation N270 Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
Package Mechanical Specifications and Pin Information
Datasheet
45
Signal Name
Type
Description
IERR#
O
IERR# (Internal Error) is asserted by a processor as the result of
an internal error. Assertion of IERR# is usually accompanied by a
SHUTDOWN transaction on the FSB. This transaction may
optionally be converted to an external error signal (e.g., NMI) by
system core logic. The processor will keep IERR# asserted until
the assertion of RESET#, BINIT#, or INIT#.
IGNNE#
I
IGNNE# (Ignore Numeric Error) is asserted to force the processor
to ignore a numeric error and continue to execute non-control
floating-point instructions. If IGNNE# is de-asserted, the
processor generates an exception on a non-control floating-point
instruction if a previous floating-point instruction caused an error.
IGNNE# has no effect when the NE bit in control register-0 (CR0)
is set.
IGNNE# is an asynchronous signal. However, to ensure
recognition of this signal following an Input/Output write
instruction, it must be valid along with the TRDY# assertion of
the corresponding Input/Output Write bus transaction.
INIT#
I
INIT# (Initialization), when asserted, resets integer registers
inside the processor without affecting its internal caches or
floating-point registers. The processor then begins execution at
the power-on Reset vector configured during power-on
configuration. The processor continues to handle snoop requests
during INIT# assertion. INIT# is an asynchronous signal.
However, to ensure recognition of this signal following an
Input/Output Write instruction, it must be valid along with the
TRDY# assertion of the corresponding Input/Output Write bus
transaction. INIT# must connect the appropriate pins of both FSB
agents.
If INIT# is sampled active on the active to inactive transition of
RESET#, the processor reverses its FSB data and address signals
internally to ease motherboard layout for systems where the
chipset is on the other side of the motherboard.
D [63:0] => D [0:63]
A [31:3] => A [3:31]
DINV [3:0]# is also reversed.
LINT [1:0]
I
LINT [1:0] (Local APIC Interrupt) must connect the appropriate
pins of all APIC Bus agents. When the APIC is disabled, the LINT0
signal becomes INTR, a maskable interrupt request signal, and
LINT1 becomes NMI, a non-maskable interrupt. INTR and NMI
are backward compatible with the signals of those names on the
Pentium processor. Both signals are asynchronous.
Both of these signals must be software configured via BIOS
programming of the APIC register space to be used either as
NMI/INTR or LINT [1:0]. Because the APIC is enabled by default
after Reset, operation of these pins as LINT [1:0] is the default
configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com