Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 4 Page - Texas Instruments

  AM3894 Datasheet HTML 1Page - Texas Instruments AM3894 Datasheet HTML 2Page - Texas Instruments AM3894 Datasheet HTML 3Page - Texas Instruments AM3894 Datasheet HTML 4Page - Texas Instruments AM3894 Datasheet HTML 5Page - Texas Instruments AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 299 page
background image
McASP
(3)
McBSP
DDR3
32-bit
(2)
GPMC
and
ELM
EDMA
EMAC
GMII/MII
(2)
MDIO
USB 2.0
Ctrl/PHY
(2)
PCIe 2.0
(One Port,
)
x2 Lanes
GP Timer
(7)
Watchdog
Timer
UART
(3)
SPI
SD/SDIO
I2C
(2)
SATA
3 Gbps
(2)
Real-Time
Clock
PRCM
JTAG
System Control
Serial Interfaces
Program/Data Storage
Connectivity
DMA
Peripherals
System Interconnect
ARM Subsystem
Cortex™-A8
CPU
32KB
D-Cache
256KB L2 Cache
Boot ROM
48KB
RAM
64KB
NEON
FPU
HD Video Processing
Subsystem (HDVPSS)
Video Capture
Display Processing
HD OSD
SD OSD
HD VENC
SD VENC
HD DACs
SD DACs
HDMI Xmt
ICECrusher™
Software
32KB
I-Cache
A. SGX530 is available only on the AM3894 device.
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
1.3
Functional Block Diagram
Figure 1-1 shows the functional block diagram of the device.
Figure 1-1. AM389x Functional Block Diagram
4
Device Summary
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com