| Electronic Components Datasheet Search |
|
AM3894 Datasheet(PDF) 74 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3894 Datasheet(HTML) 74 Page - Texas Instruments |
|
74 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com 3.2.13 Secure Digital/Secure Digital Input Output (SD/SDIO) Signals Table 3-16. SD/SDIO Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. SD_CLK/ PULL: IPD / DIS GPMC, GP1 GPMC_A[13]/ U2 O DRIVE: L / L SD Clock output PINCTRL158 GP1[1] DVDD_3P3 SD_CMD/ PULL: IPD / DIS GPMC, GP1 GPMC_A[21]/ U3 O DRIVE: Z / Z SD Command output PINCTRL159 GP1_[2] DVDD_3P3 SD_DAT[0]/ PULL: IPD / IPD GPMC, GP1 SD Data0 I/O. Functions as data bit 0 for 4-bit SD GPMC_A[20]/ U1 I/O DRIVE: Z / Z PINCTRL160 mode and single data bit for 1-bit SD mode. GP1[3] DVDD_3P3 SD_DAT[1]_SDIRQ/ PULL: IPD / IPD GMPC, GP1 SD Data1 I/O. Functions as data bit 1 for 4-bit SD GPMC_A[19]/ T1 I/O DRIVE: Z / Z PINCTRL161 mode and as an IRQ input for 1-bit SD mode GP1[4] DVDD_3P3 SD_DAT[2]_SDRW/ PULL: IPD / IPD GPMC, GP1 SD Data2 I/O. Functions as data bit 2 for 4-bit SD GPMC_A[18]/ T2 I/O DRIVE: Z / Z PINCTRL162 mode and as a Read Wait input for 1-bit SD mode. GP1[5] DVDD_3P3 SD_DAT[3]/ PULL: IPD / IPD GPMC, GP1 SD Data3 I/O. Functions as data bit 3 for 4-bit SD GPMC_A[17]/ T13 I/O DRIVE: Z / Z PINCTRL163 mode. GP1[6] DVDD_3P3 SD_POW/ PULL: IPD / DIS GPMC, GP1 GPMC_A[14]/ U4 O DRIVE: L / L SD Card Power Enable output PINCTRL157 GP1[0] DVDD_3P3 SD_SDCD/ PULL: IPD / IPD GPMC, GP1 GPMC_A[16]/ R13 I DRIVE: Z / Z SD Card Detect input PINCTRL164 GP1[7] DVDD_3P3 SD_SDWP/ PULL: IPD / IPD GMC, GP1 GPMC_A[15]/ R5 I DRIVE: Z / Z SD Card Write Protect input PINCTRL165 GP1[8] DVDD_3P3 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 74 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |