Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments AM3894 Datasheet HTML 23Page - Texas Instruments AM3894 Datasheet HTML 24Page - Texas Instruments AM3894 Datasheet HTML 25Page - Texas Instruments AM3894 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 2-20. L4 Standard Peripheral Memory Map (continued)
START ADDRESS
DEVICE NAME
END ADDRESS (HEX)
SIZE
DESCRIPTION
(HEX)
TIMER5
0x4804 6000
0x4804 6FFF
4KB
Peripheral Registers
0x4804 7000
0x4804 7FFF
4KB
Support Registers
TIMER6
0x4804 8000
0x4804 8FFF
4KB
Peripheral Registers
0x4804 9000
0x4804 9FFF
4KB
Support Registers
TIMER7
0x4804 A000
0x4804 AFFF
4KB
Peripheral Registers
0x4804 B000
0x4804 BFFF
4KB
Support Registers
GPIO1
0x4804 C000
0x4804 CFFF
4KB
Peripheral Registers
0x4804 D000
0x4804 DFFF
4KB
Support Registers
Reserved
0x4804 E000
0x4804 FFFF
8KB
Reserved
McASP2 CFG
0x4805 0000
0x4805 1FFF
8KB
Peripheral Registers
0x4805 2000
0x4805 2FFF
4KB
Support Registers
Reserved
0x4805 3000
0x4805 FFFF
52KB
Reserved
SD/SDIO
0x4806 0000
0x4806 FFFF
64KB
Registers
0x4807 0000
0x4807 0FFF
4KB
Support Registers
Reserved
0x4807 1000
0x4807 FFFF
60KB
Reserved
ELM
0x4808 0000
0x4808 FFFF
64KB
Error Location Module
0x4809 0000
0x4809 0FFF
4KB
Support Registers
Reserved
0x4809 1000
0x480B FFFF
188KB
Reserved
RTC
0x480C 0000
0x480C 0FFF
4KB
Peripheral Registers
0x480C 1000
0x480C 1FFF
4KB
Support Registers
WDT1
0x480C 2000
0x480C 2FFF
4KB
Peripheral Registers
0x480C 3000
0x480C 3FFF
4KB
Support Registers
Reserved
0x480C 4000
0x480C 7FFF
16KB
Reserved
Mailbox
0x480C 8000
0x480C 8FFF
4KB
Peripheral Registers
0x480C 9000
0x480C 9FFF
4KB
Support Registers
Spinlock
0x480C A000
0x480C AFFF
4KB
Peripheral Registers
0x480C B000
0x480C BFFF
4KB
Support Registers
Reserved
0x480C C000
0x480F FFFF
208KB
Reserved
HDVPSS
0x4810 0000
0x4811 FFFF
128KB
Peripheral Registers
0x4812 0000
0x4812 0FFF
4KB
Support Registers
Reserved
0x4812 1000
0x4812 1FFF
4KB
Reserved
HDMI 1.3 Tx
0x4812 2000
0x4812 2FFF
4KB
Peripheral Registers
0x4812 3000
0x4812 3FFF
4KB
Support Registers
Reserved
0x4812 4000
0x4813 FFFF
112KB
Reserved
Control Module
0x4814 0000
0x4815 FFFF
128KB
Peripheral Registers
0x4816 0000
0x4816 0FFF
4KB
Support Registers
Reserved
0x4816 1000
0x4817 FFFF
124KB
Reserved
PRCM
0x4818 0000
0x4818 2FFF
12KB
Peripheral Registers
0x4818 3000
0x4818 3FFF
4KB
Support Registers
Reserved
0x4818 4000
0x4818 7FFF
16KB
Reserved
SmartReflex0
0x4818 8000
0x4818 8FFF
4KB
Peripheral Registers
0x4818 9000
0x4818 9FFF
4KB
Support Registers
SmartReflex1
0x4818 A000
0x4818 AFFF
4KB
Peripheral Registers
0x4818 B000
0x4818 BFFF
4KB
Support Registers
OCP Watchpoint
0x4818 C000
0x4818 CFFF
4KB
Peripheral Registers
0x4818 D000
0x4818 DFFF
4KB
Support Registers
22
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com