Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 97 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 97 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 93Page - Texas Instruments AM3894 Datasheet HTML 94Page - Texas Instruments AM3894 Datasheet HTML 95Page - Texas Instruments AM3894 Datasheet HTML 96Page - Texas Instruments AM3894 Datasheet HTML 97Page - Texas Instruments AM3894 Datasheet HTML 98Page - Texas Instruments AM3894 Datasheet HTML 99Page - Texas Instruments AM3894 Datasheet HTML 100Page - Texas Instruments AM3894 Datasheet HTML 101Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
3.2.23 Supply Voltages
Table 3-30. Supply Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
Reference Power Supply DDR[0]:
VREFSSTL_DDR[0]
A17
S
-
•
0.75-V for DDR3 memory type
•
0.9-V for DDR2 memory type
Reference Power Supply DDR[1]
VREFSSTL_DDR[1]
A21
S
-
•
0.75-V for DDR3 memory type
•
0.9-V for DDR2 memory type
AD22, AD21,
AD20, AD19,
AD18, AD17,
AD16, AC22,
AC21, AC20,
AC19, AC18,
AC17, AC16,
AB24, AB23,
AB22, AB21,
AB20, AB19,
CVDD
AB18, AB17,
S
-
Variable Core Voltage Supply for the Always ON Domain
AB16, AB15,
AB14, T24,
T23, T22, T21,
T20, T19, T18,
T17, T16, T15,
T14, R22, R21,
R20, R19, R18,
R17, R16, P22,
P21, P20, P19,
P18, P17, P16
AE25, AE13,
AD24, AD23,
AD15, AD14,
AC24, AC23,
CVDDC
AC15, AC14,
S
-
1.0-V Constant Power Supply for Memories and PLLs
R24, R23, R15,
R14, P24, P23,
P15, P14, N25,
N13
0.9-V Power Supply for USB PHYs.
VDD_USB_0P9
N27
S
-
Note: If the USB is not used, for proper device operation, this pin
must be connected to a power supply (0.9 V or CVDDC).
1.0-V Power Supply for SATA Termination and Analog Front End
Y34, Y33, V34,
VDDT_SATA
S
-
Note: If the SATA is not used, for proper device operation, these
V32
pins must be connected to a 1.0-V power supply.
1.0-V Power Supply for PCIe Termination and Analog Front End
Y30, Y28, AB32,
VDDT_PCIE
S
-
Note: If the PCIe is not used, these pins should be connected to
AB29, AB27
a 1.0-V power supply.
VDDA_PLL
B18, A18
S
-
1.5-V Analog Power Supply for PLLs
AR27, AP24,
1.0-V Analog Power Supply for HDMI
VDDA_HDMI
AP23,
S
-
Note: If the HDMI is not used, these pins should be connected to
AN24, AN23
a 1.0-V power supply.
1.0-V Analog Power Supply for VDAC HD DAC
VDDA_HD_1P0
AG21
S
-
Note: If the HD DAC is not used, this pin should be connected to
a 1.0-V power supply.
1.0-V Analog Power Supply for VDAC SD DAC
VDDA_SD_1P0
AG20
S
-
Note: If the SD DAC is not used, this pin should be connected to
a 1.0-V power supply.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Pins
97
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com