Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 101 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 101 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 97Page - Texas Instruments AM3894 Datasheet HTML 98Page - Texas Instruments AM3894 Datasheet HTML 99Page - Texas Instruments AM3894 Datasheet HTML 100Page - Texas Instruments AM3894 Datasheet HTML 101Page - Texas Instruments AM3894 Datasheet HTML 102Page - Texas Instruments AM3894 Datasheet HTML 103Page - Texas Instruments AM3894 Datasheet HTML 104Page - Texas Instruments AM3894 Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 3-31. Ground Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
NAME
NO.
W15, W14, W13, W9,
W8, W7, W6, V28, V27,
V24, V23, V22, V21,
V20, V19, V18, V17,
V16, V15, V14, V13,
V9, V8, V7, V6, V5, V4,
U24, U23, U22, U21,
U20, U18, U17, U16,
U15, U14, U13, U8, U7,
U6, U5, T35, T34, T33,
T8, T7, T6, R33, R32,
R31, R8, R7, R6, R4,
R3, P31, P7, P6, P5,
P4, N18, M27, M11,
VSS
GND
-
Ground (GND)
L33, L26, L12, L8, K37,
K1, H27, H24, H23,
H22, H21, H20, H19,
H18, H17, H16, H15,
H14, H11, G32, G31,
G24, G23, G22, G21,
G20, G18, G17, G16,
G15, G14, G7, G6,
F31, F24, F23, F22,
F21, F17, F16, F15,
F14, F7, E37, E24,
E14, D1, C23, C21,
C17, C15, A37, A28,
A10, A1
VSSA_PLL
U19, B20, A20
GND
-
Analog GND for PLLs
VSSA_HD
AK21, AK20, AL21
GND
-
Analog GND for VDAC HD DAC
AU19, AM20, AN20,
VSSA_SD
GND
-
Analog GND for VDAC SD DAC
AL20
VSSA_REF_1P8
AU22
GND
-
Reference GND for VDAC (1.8 V)
DEVOSC_VSS
B19
GND
-
Ground for Device Oscillator
Copyright © 2010–2011, Texas Instruments Incorporated
Device Pins
101
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com