Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 95 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 95 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 91Page - Texas Instruments AM3894 Datasheet HTML 92Page - Texas Instruments AM3894 Datasheet HTML 93Page - Texas Instruments AM3894 Datasheet HTML 94Page - Texas Instruments AM3894 Datasheet HTML 95Page - Texas Instruments AM3894 Datasheet HTML 96Page - Texas Instruments AM3894 Datasheet HTML 97Page - Texas Instruments AM3894 Datasheet HTML 98Page - Texas Instruments AM3894 Datasheet HTML 99Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
Table 3-29. Reserved Terminal Functions (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
NAME
NO.
DIS
RSV31
AK1
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV32
AL1
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV33
AM29
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV34
AL28
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV35
AL29
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV36
AN29
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV37
AP29
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV38
AR29
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV39
AT29
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV40
AT28
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
RSV41
AU21
O
-
Reserved. (Leave unconnected, do not connect to power or ground.)
IPU
RSV42
AJ1
I/O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPU
RSV43
AK2
I/O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV44
AH8
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV45
AJ2
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV46
AK3
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
DIS
RSV47
AJ3
O
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV48
AJ4
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV49
AJ5
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV50
AJ6
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
IPD
RSV51
AB13
I
Reserved. (Leave unconnected, do not connect to power or ground.)
DVDD_3P3
Reserved. For proper device operation, this pin should be connected to a
RSV52
AE21
S
-
1.0-V power supply.
Reserved. For proper device operation, this pin should be connected to a
RSV53
AG22
S
-
1.8-V power supply.
Reserved. For proper device operation, this pin should be connected to a
RSV54
AG23
S
-
1.8-V power supply.
Reserved. For proper device operation, this pin should be connected to a
RSV55
AH23
S
-
1.8-V power supply.
Reserved. For proper device operation, this pin should be connected to a
RSV56
AJ23
S
-
1.8-V power supply.
AK22
Reserved. For proper device operation, this pin must be tied directly to
RSV57
GND
-
VSS.
AL22
Reserved. For proper device operation, this pin must be tied directly to
RSV58
GND
-
VSS.
Copyright © 2010–2011, Texas Instruments Incorporated
Device Pins
95
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com