Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 14Page - Texas Instruments AM3894 Datasheet HTML 15Page - Texas Instruments AM3894 Datasheet HTML 16Page - Texas Instruments AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
2.7
SGX530 (AM3894 only)
The SGX530 is a vector/3D graphics accelerator for vector and 3-dimensional (3D) graphics applications.
The SGX530 graphics accelerator efficiently processes a number of various multimedia data types
concurrently:
•
Pixel data
•
Vertex data
•
Video data.
This is achieved using a multi-threaded architecture using two levels of scheduling and data partitioning
enabling zero overhead task switching.
The SGX530 has the following major features:
•
Vector graphics and 3D graphics.
•
Tile-based architecture.
•
Universal Scalable Shader Engine ( USSE™) - multi-threaded engine incorporating pixel and vertex
shader functionality.
•
Advanced shader feature set - in excess of Microsoft® VS3.0, PS3.0, and OpenGL 2.0.
•
Industry standard API support - OpenGL ES 1.1 and 2.0, OpenVG v1.1.
•
Fine-grained task switching, load balancing, and power management.
•
Advanced geometry direct memory access (DMA) driven operation for minimum CPU interaction.
•
Programmable high-quality image anti-aliasing.
•
POWERVR™ SGX core MMU for address translation from the core virtual address to the external
physical address (up to 4GB address range).
•
Fully-virtualized memory addressing for OS operation in a unified memory architecture.
•
Advanced and standard 2D operations [e.g., vector graphics, block level transfers (BLTs), raster
operations (ROPs)].
18
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com