Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 44 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 40Page - Texas Instruments AM3894 Datasheet HTML 41Page - Texas Instruments AM3894 Datasheet HTML 42Page - Texas Instruments AM3894 Datasheet HTML 43Page - Texas Instruments AM3894 Datasheet HTML 44Page - Texas Instruments AM3894 Datasheet HTML 45Page - Texas Instruments AM3894 Datasheet HTML 46Page - Texas Instruments AM3894 Datasheet HTML 47Page - Texas Instruments AM3894 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
3.2
Terminal Functions
The terminal functions tables identify the external signal names, the associated pin (ball) numbers along
with the mechanical package designator, the pin type, whether the pin has any internal pullup or pulldown
resistors, and a functional pin description. Bolded pin names denote the muxed pin function being
described in each table. For more detailed information on device configurations, peripheral selection,
multiplexed/shared pin, and see Section 4, Device Configurations.
3.2.1
Boot Configuration
Table 3-1. Boot Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
MUXED
DESCRIPTION
NAME
NO.
BOOT
Boot Mode inputs. Select the peripheral over which the Host ARM Cortex™-A8 will boot.
GPMC_A[5]/GP0[13]/
GPMC, GP0
AE2
BTMODE[4]
PINCTRL226
GPMC_A[4]/GP0[12]/
GPMC, GP0
AE1
BTMODE[3]
PINCTRL225
PULL: IPU / DIS
GPMC_A[3]/GP0[11]/
GPMC, GP0
Boot Mode Selection pins. For boot mode information,
AE3
I
DRIVE: Z / Z
BTMODE[2]
PINCTRL224
see Table 4-5.
DVDD_3P3
GPMC_A[2]/GP0[10]/
GPMC, GP0
AE4
BTMODE[1]
PINCTRL223
GPMC_A[1]/GP0[9]/
GPMC, GP0
AE5
BTMODE[0]
PINCTRL222
DEVICE CONTROL
GPMC CS0 default Data Bus Width input
PULL: IPU / DIS
GPMC_A[8]/GP0[16]/
GPMC, GP0
AD4
I
DRIVE: Z / Z
0 = 8-bit data bus
CS0BW
PINCTRL229
DVDD_3P3
1 = 16-bit data bus
GPMC_A[7]/GP0[15]/
GPMC, GP0
GPMC CS0 default Address/Data multiplexing mode
AD3
CS0MUX[1]
PINCTRL228
input
PULL: IPU / DIS
00 = Not multiplexed
I
DRIVE: Z / Z
GPMC_A[6]/GP0[14]/
GPMC, GP0
01 = A/A/D muxed
DVDD_3P3
AD8
CS0MUX[0]
PINCTRL227
10 = A/D muxed
11 = Reserved
GPMC CS0 default GPMC_Wait enable input
PULL: IPD / DIS
GPMC_A[9]/GP0[17]/
GPMC, GP0
AD2
I
DRIVE: Z / Z
0 = Wait disabled
CS0WAIT
PINCTRL230
DVDD_3P3
1 = Wait enabled
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
PULL: A / B, where:
A is the state of the internal pull resistor during POR reset
B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset
IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled
DRIVE: A / B, where;
A is the driving state of the pin during POR reset
B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset
H = Driving High, L = Driving Low, Z = 3-State
For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see
Section 4.2.1, Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal.
44
Device Pins
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com