Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments AM3894 Datasheet HTML 23Page - Texas Instruments AM3894 Datasheet HTML 24Page - Texas Instruments AM3894 Datasheet HTML 25Page - Texas Instruments AM3894 Datasheet HTML 26Page - Texas Instruments AM3894 Datasheet HTML 27Page - Texas Instruments AM3894 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
2.8.2.2
L4 High-Speed Peripheral
The L4 high-speed peripheral bus accesses the IP configuration registers of high-speed peripherals in L3.
The memory map is shown in Table 2-21.
Table 2-21. L4 High-Speed Peripheral Memory Map
START ADDRESS
DEVICE NAME
END ADDRESS (HEX)
SIZE
DESCRIPTION
(HEX)
L4 High Speed
0x4A00 0000
0x4A00 07FF
2KB
Address/Protection (AP)
configuration
0x4A00 0800
0x4A00 0FFF
2KB
Link Agent (LA)
0x4A00 1000
0x4A00 13FF
1KB
Initiator Port (IP0)
0x4A00 1400
0x4A00 17FF
1KB
Initiator Port (IP1)
0x4A00 1800
0x4A00 1FFF
2KB
Reserved (IP2 – IP3)
Reserved
0x4A00 2000
0x4A07 FFFF
504KB
Reserved
Reserved
0x4A08_0000
0x4A0A_0FFF
132KB
Reserved
Reserved
0x4A0A 1000
0x4A0F FFFF
380KB
Reserved
EMAC0
0x4A10 0000
0x4A10 3FFF
16KB
Peripheral Registers
0x4A10 4000
0x4A10 4FFF
4KB
Support Registers
Reserved
0x4A10 5000
0x4A11 FFFF
108KB
Reserved
EMAC1
0x4A12 0000
0x4A12 3FFF
16KB
Peripheral Registers
0x4A12 4000
0x4A12 4FFF
4KB
Support Registers
Reserved
0x4A12 5000
0x4A13 FFFF
108KB
Reserved
SATA
0x4A14 0000
0x4A14 FFFF
64KB
Peripheral Registers
0x4A15 0000
0x4A15 0FFF
4KB
Support Registers
Reserved
0x4A15 1000
0x4A17 FFFF
188KB
Reserved
Reserved
0x4A18 0000
0x4A19 FFFF
128KB
Reserved
0x4A1A 0000
0x4A1A 0FFF
4KB
Reserved
Reserved
0x4A1A 1000
0x4AFF FFFF
14716KB
Reserved
24
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com