| Electronic Components Datasheet Search |
|
AM3894 Datasheet(PDF) 68 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3894 Datasheet(HTML) 68 Page - Texas Instruments |
|
68 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com Table 3-11. McASP2 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. MCA[2]_ACLKR/ PULL: IPD / IPD MCB MCB_CLKR/ AL34 I/O DRIVE: Z / Z McASP2 Receive Bit Clock I/O PINCTRL148 MCB_DR DVDD_3P3 PULL: IPD / IPD MCA[2]_AHCLKR/ MCB AM34 I/O DRIVE: Z / Z McASP2 Receive High-Frequency Master Clock I/O MCB_CLKS PINCTRL149 DVDD_3P3 MCA[2]_AFSR/ PULL: IPD / IPD MCB MCB_CLKX/ AM35 I/O DRIVE: Z / Z McASP2 Receive Frame Sync I/O PINCTRL150 MCB_FSR DVDD_3P3 GP0[5]/ PULL: IPD / IPD GP0, GPMC MCA[2]_AMUTEIN/ G2 I DRIVE: Z / Z McASP2 Mute Input PINCTRL296 GPMC_A[24] DVDD_3P3 PULL: IPD / IPD MCA[2]_ACLKX/ MCB AM36 I/O DRIVE: Z / Z McASP2 Transmit Bit Clock I/O MCB_CLKX PINCTRL151 DVDD_3P3 PULL: IPD / IPD MCA[2]_AHCLKX/ MCB AN36 I/O DRIVE: Z / Z McASP2 Transmit High-Frequency Master Clock I/O MCB_CLKR PINCTRL152 DVDD_3P3 MCA[2]_AFSX/ PULL: IPD / IPD MCB MCB_CLKS/ AN35 I/O DRIVE: Z / Z McASP2 Transmit Frame Sync I/O PINCTRL153 MCB_FSX DVDD_3P3 PULL: IPD / IPD - MCA[2]_AMUTE AP36 O DRIVE: Z / Z McASP2 Mute Output PINCTRL154 DVDD_3P3 PULL: IPD / IPD MCA[2]_AXR[1]/ MCB AR37 I/O DRIVE: Z / Z MCB_DX PINCTRL156 DVDD_3P3 McASP2 Transmit/Receive Data I/Os PULL: IPD / IPD - MCA[2]_AXR[0] AR36 I/O DRIVE: Z / Z PINCTRL155 DVDD_3P3 (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 68 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |