| Electronic Components Datasheet Search |
|
AM3894 Datasheet(PDF) 78 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM3894 Datasheet(HTML) 78 Page - Texas Instruments |
|
78 / 299 page ![]() AM3894 AM3892 SPRS681A – OCTOBER 2010 – REVISED MARCH 2011 www.ti.com 3.2.17 Universal Asynchronous Receiver/Transmitter (UART) Signals Table 3-20. UART0 Terminal Functions SIGNAL TYPE(1) OTHER(2) (3) MUXED DESCRIPTION NAME NO. PULL: IPD / IPD UART0 Receive Data Input. Functions as IrDA - UART0_RXD N10 I DRIVE: Z / Z receive input in IrDA modes and CIR receive input in PINCTRL173 DVDD_3P3 CIR mode. PULL: IPD / DIS - UART0 Transmit Data Output. Functions as transmit UART0_TXD N8 O DRIVE: L / H PINCTRL174 output in CIR and IrDA modes. DVDD_3P3 PULL: IPU / DIS UART0 Request to Send Output. Indicates module is UART0_RTS / GP1 N9 O DRIVE: H / H ready to receive data. Functions as SD output in IrDA GP1[27] PINCTRL175 DVDD_3P3 mode. PULL: IPU / IPU UART0_CTS / GP1 UART0 Clear to Send Input. Has no function in IrDA N7 I DRIVE: Z / Z GP1[28] PINCTRL176 and CIR modes. DVDD_3P3 UART0_DTR / PULL: IPU / DIS GPMC_A[20]/ GPMC, GP1 N6 O DRIVE: H / H UART0 Data Terminal Ready Output GPMC_A[12]/ PINCTRL177 DVDD_3P3 GP1[16] UART0_DSR / PULL: IPU / IPU GPMC_A[19]/ GPMC, GP1 N4 I DRIVE: Z / Z UART0 Data Set Ready Input GPMC_A[24]/ PINCTRL178 DVDD_3P3 GP1[17] UART0_DCD / PULL: IPU / IPU GPMC_A[18]/ GPMC, GP1 N5 I DRIVE: Z / Z UART0 Data Carrier Detect Input GPMC_A[23]/ PINCTRL179 DVDD_3P3 GP1[18] UART0_RIN/ PULL: IPU / IPU GPMC_A[17]/ GPMC, GP1 N3 I DRIVE: Z / Z UART0 Ring Indicator Input GPMC_A[22]/ PINCTRL180 DVDD_3P3 GP1[19] (1) I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal. (2) PULL: A / B, where: A is the state of the internal pull resistor during POR reset B is the state of the internal pull resistor after POR and Warm reset are de-asserted and during Warm reset IPD = Internal Pulldown Enabled, IPU = Internal Pullup Enabled, DIS = Internal Pull Disabled DRIVE: A / B, where; A is the driving state of the pin during POR reset B is the driving state of the pin after POR and Warm reset are de-asserted and during Warm reset H = Driving High, L = Driving Low, Z = 3-State For more detailed information on pullup/pulldown resistors and situations where external pullup/pulldown resistors are required, see Section 4.2.1, Pullup/Pulldown Resistors. (3) Specifies the operating I/O supply voltage for each signal. 78 Device Pins Copyright © 2010–2011, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM3894 AM3892 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |