Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 10 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments AM3894 Datasheet HTML 10Page - Texas Instruments AM3894 Datasheet HTML 11Page - Texas Instruments AM3894 Datasheet HTML 12Page - Texas Instruments AM3894 Datasheet HTML 13Page - Texas Instruments AM3894 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 299 page
background image
ARM Cortex™-A8
NEON
ETM
256KB L2$
32KB L1I$ 32KB L1D$
Arbiter
128
32
ICECrusher
48KB ROM
64KB RAM
ARM Cortex-A8
Interrupt Controller
(AINTC)
L3
DMM
32
128
64
64
64
64
128
128
SYSCLK2
128
System Events
DEVOSC
Trace
Debug
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 2-2. Characteristics of the Processor (continued)
HARDWARE FEATURES
AM3894/AM3892
Cycle Time
ns
0.67 ns
Core Logic (V)
1.0 V with Required AVS Capability
USB Logic (V)
0.9 V
Voltage
RAM (V)
1.0 V
I/O (V)
1.5 V, 1.8 V, 3.3 V
Package
25 x 25 mm
1031-Pin BGA (CYG)
Process Technology
µm
0.04 µm
Product Preview (PP),
Product Status(1)
Advance Information (AI),
PP
or Production Data (PD)
(1)
PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice.
2.3
ARM Subsystem
The ARM subsystem is designed to give the ARM Cortex-A8 master control of the device. In general, the
ARM Cortex-A8 is responsible for configuration and control of the various subsystem, peripherals, and
external memories.
The ARM subsystem includes the following features:
•
ARM Cortex-A8 RISC processor:
–
ARMv7 ISA plus Thumb®-2, Jazelle-X, and media extensions
–
NEON floating-point unit
–
Enhanced memory management unit (MMU)
–
Little Endian
–
32KB L1 instruction cache
–
32KB L1 data cache
–
256KB L2 cache
•
Foresight embedded trace module (ETM)
•
ARM Cortex-A8 interrupt controller (AINTC)
•
64KB internal RAM
•
48KB internal public ROM.
Figure 2-1. ARM Cortex-A8 Subsystem Block Diagram
10
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com