Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 1 Page - Texas Instruments

  AM3894 Datasheet HTML 1Page - Texas Instruments AM3894 Datasheet HTML 2Page - Texas Instruments AM3894 Datasheet HTML 3Page - Texas Instruments AM3894 Datasheet HTML 4Page - Texas Instruments AM3894 Datasheet HTML 5Page - Texas Instruments AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
AM389x Sitara
ARM Microprocessors (MPUs)
Check for Samples: AM3894, AM3892
1
Device Summary
1.1
Features
1234567891011
•
One 16/24/30-Bit and One 16-bit Channel
• High-Performance Sitara™ ARM®
Microprocessors (MPUs)
– Simultaneous SD and HD Analog Output
– ARM® Cortex™-A8 RISC MPU
– Digital HDMI 1.3 transmitter with HDCP up to
165-MHz pixel clock
•
Up to 1.5 GHz
– Advanced Video Processing Features Such
• ARM® Cortex™-A8 Core
as Scan/Format/Rate Conversion
– ARMv7 Architecture
– Three Graphics Layers and Compositors
•
In-Order, Dual-Issue, Superscalar
• Dual 32-bit DDR2/3 SDRAM Interfaces
Microprocessor Core
– Supports up to DDR2-800 and DDR3-1600
•
NEON™ Multimedia Architecture
– Up to Eight x8 Devices Total
– Supports Integer and Floating Point
(VFPv3-IEEE754 compliant)
– 2 GB Total Address Space
•
Jazelle® RCT Execution Environment
– Dynamic Memory Manager (DMM)
• ARM® Cortex™-A8 Memory Architecture
•
Programmable Multi-Zone Memory
Mapping and Interleaving
– 32K-Byte Instruction and Data Caches
•
Enables Efficient 2D Block Accesses
– 256K-Byte L2 Cache
•
Supports Tiled Objects in 0°, 90°, 180°, or
– 64K-Byte RAM, 48K-Byte Boot ROM
270 Orientation and Mirroring
• 512K-Bytes On-Chip Memory Controller
•
Optimizes Interlaced Accesses
(OCMC) RAM
• One PCI Express® (PCIe®) 2.0 Port With
• SGX530 3D Graphics Engine (available only on
Integrated PHY
the AM3894 device)
– Single Port With 1 or 2 Lanes at 5.0 GT/s
– Delivers up to 30 MTriangles/s
– Configurable as Root Complex or Endpoint
– Universal Scalable Shader Engine
• Serial ATA (SATA) 3.0 Gbps Controller With
– Direct3D® Mobile, OpenGL® ES 1.1 and 2.0,
Integrated PHYs
OpenVG™ 1.0, OpenMax™ API Support
– Direct Interface for Two Hard Disk Drives
– Advanced Geometry DMA Driven Operation
– Hardware-Assisted Native Command
– Programmable HQ Image Anti-Aliasing
Queuing (NCQ) from up to 32 Entries
• Endianness
– Supports Port Multiplier and
– ARM Instructions/Data – Little Endian
Command-Based Switching
• HD Video Processing Subsystem (HDVPSS)
• Two 10/100/1000 Mbps Ethernet MACs (EMAC)
– Two 165 MHz HD Video Capture Channels
– IEEE 802.3 Compliant (3.3V I/O Only)
•
One 16/24-bit and One 16-bit Channel
– MII and GMII Media Independent I/Fs
•
Each Channel Splittable Into Dual 8-bit
– Management Data I/O (MDIO) Module
Capture Channels
• Dual USB 2.0 Ports With Integrated PHYs
– Two 165 MHz HD Video Display Channels
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Sitara, SmartReflex, Code Composer Studio, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM, Jazelle, Thumb are registered trademarks of ARM Ltd or its subsidiaries.
5
USSE, POWERVR are trademarks of Imagination Technologies Limited.
6
OpenVG, OpenMax are trademarks of Khronos Group Inc.
7
Direct3D, Microsoft, Windows are registered trademarks of Microsoft Corporation in the United States and/or other countries.
8
I2C BUS is a registered trademark of NXP B.V. Corporation Netherlands.
9
PCI Express, PCIe are registered trademarks of PCI-SIG.
10
OpenGL is a registered trademark of Silicon Graphics International Corp. or its subsidiaries in the United States and/or other countries.
11
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative
Copyright © 2010–2011, Texas Instruments Incorporated
or design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right
to change or discontinue these products without notice.


Similar Part No. - AM3894

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894 TI-AM3894 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
AM3894ACYG120 TI-AM3894ACYG120 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
AM3894BCYG120 TI-AM3894BCYG120 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
AM3894BCYG150 TI-AM3894BCYG150 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
AM3894BCYGA120 TI-AM3894BCYGA120 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
More results

Similar Description - AM3894

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
AM387x Sitara ARM Microprocessors (MPUs)
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
AM3715, AM3703 Sitara ARM Microprocessors
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
Sitara ARM Microprocessors
AM3894CCYG120 TI-AM3894CCYG120 Datasheet
1Mb / 308P
AM389x Sitara ARM Processors
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
Sitara ARM Microprocessors
AM3715 TI1-AM3715_17 Datasheet
3Mb / 280P
Sitara ARM Microprocessors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com