Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 16 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 12Page - Texas Instruments AM3894 Datasheet HTML 13Page - Texas Instruments AM3894 Datasheet HTML 14Page - Texas Instruments AM3894 Datasheet HTML 15Page - Texas Instruments AM3894 Datasheet HTML 16Page - Texas Instruments AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 2-13. CM_SGX Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0900
CM_SGX_CLKSTCTRL
SGX530 clock domain power state transition
0x4818 0920
CM_SGX_SGX_CLKCTRL
SGX530 clock management control
Table 2-14. PRM_ACTIVE Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0A00
PM_ACTIVE_PWRSTCTRL
Active power state control
0x4818 0A04
PM_ACTIVE_PWRSTST
Active power domain state status
0x4818 0A10
RM_ACTIVE_RSTCTRL
Active domain reset control release
0x4818 0A14
RM_ACTIVE_RSTST
Active domain reset source log
Table 2-15. PRM_DEFAULT Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0B00
PM_DEFAULT_PWRSTCTRL
Default power state
0x4818 0B04
PM_DEFAULT_PWRSTST
Default power domain state 0 status
0x4818 0B10
RM_DEFAULT_RSTCTRL
Default subsystem reset control release
0x4818 0B14
RM_DEFAULT_RSTST
Default domain reset source log
Table 2-16. PRM_SGX Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 0F00
PM_SGX_PWRSTCTRL
SGX530 power state control
0x4818 0F04
RM_SGX_RSTCTRL
SGX530 domain reset control release
0x4818 0F10
PM_SGX_PWRSTST
SGX530 power domain state status
0x4818 0F14
RM_SGX_RSTST
SGX530 domain reset source log
Table 2-17. CM_ALWON Register Summary
HEX ADDRESS
ACRONYM
REGISTER NAME
0x4818 1400
CM_ALWON_L3_SLOW_CLKSTCTRL
L3 clock domain power state transition
0x4818 1404
CM_ETHERNET_CLKSTCTRL
EMAC clock domain power state transition
0x4818 1408
CM_ALWON_L3_MED_CLKSTCTRL
L3 clock domain power state transition
0x4818 1414
CM_ALWON_OCMC_0_CLKSTCTRL
OCMC 0 clock domain power state transition
0x4818 1418
CM_ALWON_OCMC_1_CLKSTCTRL
OCMC 1 clock domain power state transition
0x4818 141C
CM_ALWON_MPU_CLKSTCTRL
MPU clock domain power state transition
0x4818 1420
CM_ALWON_SYSCLK4_CLKSTCTRL
SYSCLK4 clock domain power state transition
0x4818 1424
CM_ALWON_SYSCLK5_CLKSTCTRL
SYSCLK5 clock domain power state transition
0x4818 1428
CM_ALWON_SYSCLK6_CLKSTCTRL
SYSCLK6 clock domain power state transition
0x4818 142C
CM_ALWON_RTC_CLKSTCTRL
RTC clock domain power state transition
0x4818 1430
CM_ALWON_L3_FAST_CLKSTCTRL
L3 clock domain power state transition
0x4818 1540
CM_ALWON_MCASP0_CLKCTRL
McASP 0 clock management control
0x4818 1544
CM_ALWON_MCASP1_CLKCTRL
McASP 1 clock management control
0x4818 1548
CM_ALWON_MCASP2_CLKCTRL
McASP 2 clock management control
0x4818 154C
CM_ALWON_MCBSP_CLKCTRL
McBSP clock management control
0x4818 1550
CM_ALWON_UART_0_CLKCTRL
UART 0 clock management control
0x4818 1554
CM_ALWON_UART_1_CLKCTRL
UART 1 clock management control
0x4818 1558
CM_ALWON_UART_2_CLKCTRL
UART 2 clock management control
0x4818 155C
CM_ALWON_GPIO_0_CLKCTRL
GPIO 0 clock management control
0x4818 1560
CM_ALWON_GPIO_1_CLKCTRL
GPIO 1 clock management control
16
Device Overview
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com