Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 3Page - Texas Instruments AM3894 Datasheet HTML 4Page - Texas Instruments AM3894 Datasheet HTML 5Page - Texas Instruments AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments AM3894 Datasheet HTML 10Page - Texas Instruments AM3894 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
AM389x Revisions (continued)
SEE
ADDITIONS/MODIFICATIONS/DELETIONS
Section 7.3
Clocking:
Modified Figure 7-4, System Clocking Overview
Section 7.4.1
Interrupt Summary List:
Modified Table 7-17, Interrupts By Module
Section 7.4.2
Cortex™-A8 Interrupts:
Changed Interrupt Number 8 in Table 7-18, Cortex™-A8 Interrupt Controller Connections
Section 8.1.3
Timing Parameters and Board Routing Analysis:
Modified second paragraph
Section 8.3.2
Added new section: DDR3 Routing Guidelines
Section 8.4.3.2
JTAG Electrical Data/Timing:
Changed DPn/EMUn to EMUx in Parameter names and descriptions in Table 8-33, Switching Characteristics
Over Recommended Operating Conditions for STM Trace
Changed DPn/EMUn to EMUx in Figure 8-43, STM Trace Timing
Section 8.8
General-Purpose Memory Controller (GPMC) and Error Locator Module (ELM):
Modified chip selects list item
Section 8.8.1
GPMC and ELM Peripheral Register Descriptions:
Added Table 8-53, ELM Registers
Section 8.9.1.1
HDMI Interface Schematic:
Modified Figure 8-67, HDMI Interface High-Level Schematic
Section 8.9.1.2
TMDS Routing:
Modified second and third paragraphs
Section 8.9.1.3
DDC Signals:
Modified paragraph
Section 8.9.2
Added new section: HDMI Peripheral Register Descriptions
Section 8.10.2
HDVPSS Electrical Data/Timing:
Modified Figure 8-70, HDVPSS Output Timing
Section 8.12.2
McASP0, McASP1, and McASP2 Peripheral Register Descriptions:
Added PDIN (0x4803 801C/0x4803 C01C/0x4805 0100) and DIT (0x4803 8100/0x4803 C100/0x4805 0100 -
0x4803 815C/0x4803 C15C/0x4805 015C) registers to Table 8-77, McASP0/1/2 Registers
Section 8.14.1.3.2
Routing Specifications:
Modified paragraph
Section 8.15
Real-Time Clock (RTC):
Modified second paragraph
Section 8.17.1.4
Routing Specifications:
Modified first paragraph
Section 8.21.1
USB2.0 Peripheral Register Descriptions:
Changed address 0x4740 4004 to Reserved in Table 8-115, CPPI DMA Queue Manager Registers
Section 9.1.2
Device Nomenclature:
Modified section
Added Figure 9-1, Device Nomenclature
Copyright © 2010–2011, Texas Instruments Incorporated
Contents
7
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com