Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 15Page - Texas Instruments AM3894 Datasheet HTML 16Page - Texas Instruments AM3894 Datasheet HTML 17Page - Texas Instruments AM3894 Datasheet HTML 18Page - Texas Instruments AM3894 Datasheet HTML 19Page - Texas Instruments AM3894 Datasheet HTML 20Page - Texas Instruments AM3894 Datasheet HTML 21Page - Texas Instruments AM3894 Datasheet HTML 22Page - Texas Instruments AM3894 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
2.8
Memory Map Summary
The device has multiple on-chip memories associated with its processors and various subsystems. To
help simplify software development a unified memory map is used where possible to maintain a consistent
view of device resources across all bus masters.
The device system memory mapping is broken into four 1-GB quadrants for target address spaces
allocation. The four quadrants are labeled Q0, Q1, Q2 and Q3 for a total of 4-GB 32-bit address space.
(HDVPSS includes a thirty-third address bit for an additional 4GB of address range; this is for virtual
addressing and not physical memory addressing.) Inside each quadrant, system targets are mapped on
4-MB boundary (except EDMA targets which are decreased to 1-MB regions).
2.8.1
L3 Memory Map
The L3 high-performance interconnect is based on a Network-on-Chip (NoC) interconnect infrastructure.
The NoC uses an internal packet-based protocol for forward (read command, write command with data
payload) and backward (read response with data payload, write response) transactions. All exposed
interfaces of this NoC interconnect, both for targets and initiators, comply with the OCPIP2.2 reference
standard.
Table 2-19 shows the general device level-3 (L3) memory map. The table represents the physical
addresses used by the L3 infrastructure. Some processors within the device (such as Cortex™-A8 ARM)
may re-map these targets to different virtual addresses through an internal or external MMU. Processors
without MMUs and other bus masters use these physical addresses to access L3 regions. Note that not all
masters have access to all L3 regions, but only those with defined connectivity, as shown in Table 5-1.
For a list of the specific peripherals attached to each of the Level-4 (L4) peripheral ports see Section 5.2.
The L3 interconnect returns an address-hole error if any initiator attempts to access a target to which it
has no connection.
Table 2-19. L3 Memory Map
START ADDRESS
END ADDRESS
QUAD
BLOCK NAME
SIZE
DESCRIPTION
(HEX)
(HEX)
Q0
GPMC
0x0000 0000
0x1FFF FFFF
512MB
GPMC
Q0
PCIe Gen2
0x2000 0000
0x2FFF FFFF
256MB
PCIe Gen2 Targets
Q0
Reserved
0x3000 0000
0x3FFF FFFF
256MB
Reserved
Q1
Reserved
0x4000 0000
0x402F FFFF
3MB
Reserved
Q1
L3 OCMC0
0x4030 0000
0x4033 FFFF
256KB
OCMC SRAM
Q1
Reserved
0x4034 0000
0x403F FFFF
768KB
Reserved (OCMC RAM0)
Q1
L3 OCMC1
0x4040 0000
0x4043 FFFF
256KB
OCMC SRAM
Q1
Reserved
0x4044 0000
0x404F FFFF
768KB
Reserved (OCMC RAM1)
Q1
Reserved
0x4050 0000
0x407F FFFF
3MB
Reserved
Q1
Reserved
0x4080 0000
0x4083 FFFF
256KB
Reserved
Q1
Reserved
0x4084 0000
0x40DF FFFF
5888KB
Reserved
Q1
Reserved
0x40E0 0000
0x40E0 7FFF
32KB
Reserved
Q1
Reserved
0x40E0 8000
0x40EF FFFF
992KB
Reserved
Q1
Reserved
0x40F0 0000
0x40F0 7FFF
32KB
Reserved
Q1
Reserved
0x40F0 8000
0x40FF FFFF
992KB
Reserved
Q1
Reserved
0x4100 0000
0x41FF FFFF
16MB
Reserved
Q1
Reserved
0x4200 0000
0x43FF FFFF
32MB
Reserved
Q1
L3 CFG Regs
0x4400 0000
0x44BF FFFF
12MB
L3 configuration registers
Q1
Reserved
0x44C0 0000
0x45FF FFFF
20MB
Reserved
Q1
McASP0
0x4600 0000
0x463F FFFF
4MB
McASP0
Q1
McASP1
0x4640 0000
0x467F FFFF
4MB
McASP1
Q1
McASP2
0x4680 0000
0x46BF FFFF
4MB
McASP2
Copyright © 2010–2011, Texas Instruments Incorporated
Device Overview
19
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com