Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 48 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 44Page - Texas Instruments AM3894 Datasheet HTML 45Page - Texas Instruments AM3894 Datasheet HTML 46Page - Texas Instruments AM3894 Datasheet HTML 47Page - Texas Instruments AM3894 Datasheet HTML 48Page - Texas Instruments AM3894 Datasheet HTML 49Page - Texas Instruments AM3894 Datasheet HTML 50Page - Texas Instruments AM3894 Datasheet HTML 51Page - Texas Instruments AM3894 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 299 page
background image
AM3894
AM3892
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
www.ti.com
Table 3-3. DDR2/3 Memory Controller 1 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2)
DESCRIPTION
NAME
NO.
DDR[1]_CLK[0]
B26
O
DVDD_DDR[1] DDR[1] Clock 0
DDR[1]_CLK[0]
A26
O
DVDD_DDR[1] DDR[1] Negative Clock 0
DDR[1]_CLK[1]
A23
O
DVDD_DDR[1] DDR[1] Clock 1
DDR[1]_CLK[1]
B23
O
DVDD_DDR[1] DDR[1] Negative Clock 1
DDR[1]_CKE
C20
O
DVDD_DDR[1] DDR[1] Clock Enable
DDR[1]_WE
E25
O
DVDD_DDR[1] DDR[1] Write Enable
DDR[1]_CS[0]
B21
O
DVDD_DDR[1] DDR[1] Chip Select 0
DDR[1]_CS[1]
F20
O
DVDD_DDR[1] DDR[1] Chip Select 1
DDR[1]_RAS
D25
O
DVDD_DDR[1] DDR[1] Row Address Strobe output
DDR[1]_CAS
C25
O
DVDD_DDR[1] DDR[1] Column Address Strobe output
DDR[1]_DQM[3]
D29
O
DVDD_DDR[1] DDR[1] Data Mask outputs
DDR[1]_DQM[3]: For upper byte data bus DDR[1]_D[31:24]
DDR[1]_DQM[2]
G29
O
DVDD_DDR[1]
DDR[1]_DQM[2]: For DDR[1]_D[23:16]
DDR[1]_DQM[1]
B33
O
DVDD_DDR[1] DDR[1]_DQM[1]: For DDR[1]_D[15:8]
DDR[1]_DQM[0]: For lower byte data bus DDR[1]_D[7:0]
DDR[1]_DQM[0]
C36
O
DVDD_DDR[1]
DDR[1]_DQS[3]
B29
O
DVDD_DDR[1] Data strobe input/outputs for each byte of the 32-bit data bus. They are
outputs to the DDR[1] memory when writing and inputs when reading.
DDR[1]_DQS[2]
B30
I/O
DVDD_DDR[1]
They are used to synchronize the data transfers.
DDR[1]_DQS[1]
B34
I/O
DVDD_DDR[1] DDR[1]_DQS[3]: For upper byte data bus DDR[1]_D[31:24]
DDR[1]_DQS[2]: For DDR[1]_D[23:16]
DDR[1]_DQS[1]: For DDR[1]_D[15:8]
DDR[1]_DQS[0]
F34
I/O
DVDD_DDR[1]
DDR[1]_DQS[0]: For lower byte data bus DDR[1]_D[7:0]
DDR[1]_DQS[3]
A29
I/O
DVDD_DDR[1] Complimentary data strobe input/outputs for each byte of the 32-bit
data bus. They are outputs to the DDR[1] memory when writing and
DDR[1]_DQS[2]
A30
I/O
DVDD_DDR[1]
inputs when reading. They are used to synchronize the data transfers.
DDR[1]_DQS[1]
A34
I/O
DVDD_DDR[1] DDR[1]_DQS[3]: For upper byte data bus DDR[1]_D[31:24]
DDR[1]_DQS[2]: For DDR[1]_D[23:16]
DDR[1]_DQS[1]: For DDR[1]_D[15:8]
DDR[1]_DQS[0]
E35
I/O
DVDD_DDR[1]
DDR[1]_DQS[0]: For lower byte data bus DDR[1]_D[7:0]
DDR[1]_ODT[0]
E20
O
DVDD_DDR[1] DDR[1] On-Die Termination for Chip Select 0.
DDR[1]_ODT[1]
A22
O
DVDD_DDR[1] DDR[1] On-Die Termination for Chip Select 1.
DDR[1]_RST
D20
O
DVDD_DDR[1] DDR[1] Reset output
DDR[1]_BA[2]
N23
O
DVDD_DDR[1]
DDR[1]_BA[1]
B24
O
DVDD_DDR[1] DDR[1] Bank Address outputs
DDR[1]_BA[0]
F25
O
DVDD_DDR[1]
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal.
(2)
Specifies the operating I/O supply voltage for each signal.
48
Device Pins
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com