Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 5 Page - Texas Instruments

  AM3894 Datasheet HTML 1Page - Texas Instruments AM3894 Datasheet HTML 2Page - Texas Instruments AM3894 Datasheet HTML 3Page - Texas Instruments AM3894 Datasheet HTML 4Page - Texas Instruments AM3894 Datasheet HTML 5Page - Texas Instruments AM3894 Datasheet HTML 6Page - Texas Instruments AM3894 Datasheet HTML 7Page - Texas Instruments AM3894 Datasheet HTML 8Page - Texas Instruments AM3894 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
1
Device Summary
........................................ 1
7.2
Reset
.............................................. 126
7.3
Clocking
........................................... 131
1.1
Features
.............................................. 1
7.4
Interrupts
.......................................... 141
1.2
Description
........................................... 3
8
Peripheral Information and Timings
............. 149
1.3
Functional Block Diagram
............................ 4
8.1
Parameter Information
............................ 149
Revision History
.............................................. 6
8.2
Recommended Clock and Control Signal Transition
2
Device Overview
........................................ 8
Behavior
........................................... 150
2.1
Device Comparison
.................................. 8
8.3
DDR2/3 Memory Controller
....................... 151
8.4
Emulation Features and Capability
............... 184
2.2
Device Characteristics
............................... 9
8.5
Enhanced Direct Memory Access (EDMA)
2.3
ARM Subsystem
.................................... 10
Controller
.......................................... 188
2.4
Media Controller
.................................... 12
8.6
Ethernet Media Access Controller (EMAC)
....... 194
2.5
Inter-Processor Communication
.................... 12
8.7
General-Purpose Input/Output (GPIO)
............ 203
2.6
Power, Reset and Clock Management (PRCM)
8.8
General-Purpose Memory Controller (GPMC) and
Module
.............................................. 13
Error Locator Module (ELM)
...................... 206
2.7
SGX530 (AM3894 only)
............................ 18
8.9
High-Definition Multimedia Interface (HDMI)
...... 227
2.8
Memory Map Summary
............................. 19
8.10
High-Definition Video Processing Subsystem
(HDVPSS)
......................................... 236
3
Device Pins
............................................. 28
8.11
Inter-Integrated Circuit (I2C)
...................... 244
3.1
Pin Assignments
.................................... 28
8.12
Multichannel Audio Serial Port (McASP)
.......... 248
3.2
Terminal Functions
................................. 44
8.13
Multichannel Buffered Serial Port (McBSP)
....... 256
4
Device Configurations
.............................. 102
8.14
Peripheral Component Interconnect Express (PCIe)
4.1
Control Module
.................................... 102
..................................................... 260
4.2
Debugging Considerations
........................ 105
8.15
Real-Time Clock (RTC)
........................... 264
4.3
Boot Sequence
.................................... 106
8.16
Secure Digital/Secure Digital Input Output
4.4
Pin Multiplexing Control
........................... 107
(SD/SDIO)
......................................... 266
4.5
How to Handle Unused Pins
...................... 114
8.17
Serial ATA Controller (SATA)
..................... 269
5
System Interconnect
................................ 115
8.18
Serial Peripheral Interface (SPI)
.................. 273
8.19
Timers
............................................. 280
5.1
L3 Interconnect
.................................... 115
8.20
Universal Asynchronous Receiver/Transmitter
5.2
L4 Interconnect
.................................... 117
(UART)
............................................ 283
6
Device Operating Conditions
...................... 119
8.21
Universal Serial Bus (USB2.0)
.................... 287
6.1
Absolute Maximum Ratings Over Operating Case
9
Device and Documentation Support
............. 294
Temperature Range
9.1
Device Support
.................................... 294
(Unless Otherwise Noted)
......................... 119
9.2
Documentation Support
........................... 295
6.2
Recommended Operating Conditions
............. 120
6.3
Electrical Characteristics Over Recommended
9.3
Community Resources
............................ 295
Ranges of Supply Voltage and Operating
10
Mechanical Packaging and Orderable
Temperature (Unless Otherwise Noted)
.......... 122
Information
............................................ 296
7
Power, Reset, Clocking, and Interrupts
......... 123
10.1
Thermal Data for CYG
............................ 296
7.1
Power Supplies
.................................... 123
10.2
Packaging Information
............................ 296
Copyright © 2010–2011, Texas Instruments Incorporated
Contents
5
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com