Electronic Components Datasheet Search
  English  ▼

X  

AM3894 Datasheet(PDF) 129 Page - Texas Instruments

Click here to check the latest version.
Part # AM3894
Description  AM389x Sitara ARM Microprocessors (MPUs)
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3894 Datasheet(HTML) 129 Page - Texas Instruments

Back Button AM3894 Datasheet HTML 125Page - Texas Instruments AM3894 Datasheet HTML 126Page - Texas Instruments AM3894 Datasheet HTML 127Page - Texas Instruments AM3894 Datasheet HTML 128Page - Texas Instruments AM3894 Datasheet HTML 129Page - Texas Instruments AM3894 Datasheet HTML 130Page - Texas Instruments AM3894 Datasheet HTML 131Page - Texas Instruments AM3894 Datasheet HTML 132Page - Texas Instruments AM3894 Datasheet HTML 133Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 299 page
background image
AM3894
AM3892
www.ti.com
SPRS681A – OCTOBER 2010 – REVISED MARCH 2011
The RSTOUT pin remains asserted until PRCM releases the host ARM Cortex-A8 processor for reset.
7.2.14 Effect of Reset on Emulation and Trace
The device emulation and trace is only reset by the following sources:
•
Power-on reset (POR)
•
Software global cold reset
•
Test reset (TRST).
Other than these three, none of the other resets affect emulation and trace functionality.
7.2.15 Reset During Power Domain Switching
Each power domain has a dedicated warm reset and cold reset. Warm reset for a power domain is
asserted under either of the following two conditions:
1. A power-on reset, external warm reset, emulation warm reset, or software global cold/warm reset
occurs.
2. When that power domain switches from the ON state to the OFF state.
Cold reset for a power domain is asserted under either of the following two conditions:
1. A power-on reset or software global cold reset occurs.
2. When that power domain switches from the OFF state to the ON state.
7.2.16 Pin Behaviors at Reset
When any reset (other than test reset) described in Section 7.2.1 is asserted, all device pins are put into a
Hi-Z state except for:
•
Emulation pins. These pins are only put into a Hi-Z state when POR or global software cold reset is
asserted.
•
RSTOUT pin.
In addition, the PINCNTL registers, which control pin multiplexing, slew control, enabling the
pullup/pulldown, and enabling the receiver, are reset to their default state. For a description of the
RESET_ISO register, see the AM38x Sitara ARM Microprocessors (MPUs) Technical Reference Manual
(literature number SPRUGX7).
Internal pullup/pulldown (IPU/IPD) resistors are enabled during and immediately after reset as described in
the OTHER column in the tables in Section 3.2, Terminal Functions.
7.2.17 Reset Electrical Data/Timing
NOTE
If a configuration pin must be routed out from the device, the internal pullup/pulldown
(IPU/IPD) resistor should not be relied upon; TI recommends the use of an external
pullup/pulldown resistor.
Table 7-3. Timing Requirements for Reset
(see Figure 7-2 and Figure 7-3)
NO.
MIN
MAX
UNIT
1
tw(RESET)
Pulse duration, POR low or RESET low
12C(1)
ns
2
tsu(CONFIG)
Setup time, boot and configuration pins valid before POR high or RESET
12C(1)
ns
high(2)
(1)
C = 1/DEV_MXI clock frequency, in ns. The device clock source must be stable and at a valid frequency prior to meeting the tw(RESET)
requirement.
(2)
For the list of boot and configuration pins, see , Boot Terminal Functions.
Copyright © 2010–2011, Texas Instruments Incorporated
Power, Reset, Clocking, and Interrupts
129
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com