Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 26 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 26 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 22Page - Infineon Technologies AG TLE5011 Datasheet HTML 23Page - Infineon Technologies AG TLE5011 Datasheet HTML 24Page - Infineon Technologies AG TLE5011 Datasheet HTML 25Page - Infineon Technologies AG TLE5011 Datasheet HTML 26Page - Infineon Technologies AG TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
TLE5011
Specification
Final Data Sheet
26
V2.0, 2011-03
Figure 14
SSC Spike Filter
Filter for DATA and CS
The following conditions apply:
•
The DATA pin has a ’2-of-3’ filter
•The CS input has a ’2-of-3’ filter that suppresses only positive spikes
3.9.4
SSC Data Transfer
The following transfer Byte are possible:
•
Command Byte (to access and change operating modes of the TLE5011)
•
Data Bytes (any data transferred in any direction)
•
CRC Byte (cyclic redundancy check)
•
Slave-active Byte (response of all selected slaves)
Figure 15
SSC Data Transfer (Data Read Example)
3.9.5
SSC Command Byte
The TLE5011 is controlled by a command Byte. It is sent first at every data transmission.
Table 15
Structure of the Command Byte
Name
Bits
Description
RW
[7]
Read - Write
0 = write, 1 = read
ADDR
[6..3]
Address to be read / written
0..15 - register start address (address auto increment)
ND
[2..0]
Number of data Bytes 0..7 - number of data Bytes to be transferred
SCK (PAD)
SCK Rise
SCK Fall
Masked, because
no fall detected
Suppressed
Spike
SCK fall
detected
SCK rise
detected
SCK
DATA
Command Byte
Data Byte(s)
SSC-Master is driving DATA (µC)
SSC-Slave is driving DATA (Sensor)
CS
DATA
Command Byte
Data
CRC
SlaveActive
SSC-Slave is driving DATA (Sensor)
SSC-Master is driving DATA (µC)
LSB
32
1
MSB
6
5
4
LSB
32
1
MSB
6
5
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com