Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 13Page - Infineon Technologies AG TLE5011 Datasheet HTML 14Page - Infineon Technologies AG TLE5011 Datasheet HTML 15Page - Infineon Technologies AG TLE5011 Datasheet HTML 16Page - Infineon Technologies AG TLE5011 Datasheet HTML 17Page - Infineon Technologies AG TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
TLE5011
Specification
Final Data Sheet
17
V2.0, 2011-03
3.4.2
ESD Protection
3.4.3
GMR Parameters
All parameters apply over the full operating range, unless otherwise specified.
Offset and Amplitude
Figure 8
Offset and Amplitude Definition
Table 7
ESD Protection
Parameter
Symbol
Limit Values
Unit
Notes
min.
max.
ESD Voltage
VHBM
-
± 4kV
HBM
1)
1) Human Body Model (HBM) according to: AEC-Q100-002
VSDM
-
± 500
V
SDM
2)
2) Socketed Device Model (SDM) according to: ESDA/ANSI/ESD SP5.3.2-2008
Table 8
Basic GMR Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
X, Y Output range
RG
ADC
--
±23230
digits
X, Y Amplitude
1)
1) See Figure 2
AX, AY
6000
9500
15781
digits
at calibration conditions
3922
-
20620
Operating Range
X, Y Synchronism
2)
2) k = 100 x (A
X /AY ).
k
80
100
120
%
at calibration conditions
X, Y Offset
3)
3) O
SIN =(YMAX +YMIN )/2; OCOS =( XMAX +XMIN )/2
OX, OY
-3000
0
3000
digits
at calibration conditions
X, Y Orthogonality Error
ϕ
-10.0
0
10.0
°
at calibration conditions
X, Y without field
X0, Y0
-5000
-
5000
digits
without magnet
4)
4) Not subject to production test - verified by design/characterization
Angle
90°
180°
270°
360°
0°
+A
Offset
V
Y
0
-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com