Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 36 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 36 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG TLE5011 Datasheet HTML 37Page - Infineon Technologies AG TLE5011 Datasheet HTML 38Page - Infineon Technologies AG TLE5011 Datasheet HTML 39Page - Infineon Technologies AG TLE5011 Datasheet HTML 40Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
TLE5011
Specification
Final Data Sheet
36
V2.0, 2011-03
Example2: Use of two TLE5011 units in a bus mode.
Table 17
Update X,Y of two TLE5011 units, and read first TLE5011
SSC Byte no.
Description
Master transmitting
TLE5011 transmitting
1
Command
1)
1) Both TLE5011 are selected (CS
1=CS2=active) during this command Byte.
0_0000_000
(update all TLE5011)
-
2
Command
2)
2) CS
2 of the second TLE5011 slave is deactivated after the second command Byte.
1_0001_110
(read first TLE5011)
-
3
Data Byte 1 to 01
H
-XL
4
Data Byte 2 to 02
H
-XH
5
Data Byte 3 to 03
H
-YL
6
Data Byte 4 to 04
H
-YH
7
Data Byte 5 to 05
H
-
FCNT_STAT
8
Data Byte 6 to 06
H
-
FSYNC_INV
9
CRC
-
calc. CRC value
10
Slave-active
-
cccc_nnnn
11
Command
3)
3) CS
1 of the first TLE5011 slave is deactivated after the third command Byte.
1_0001_110
(read second TLE5011)
-
12
Data Byte 1 to 01
H
-XL
13
Data Byte 2 to 02
H
-XH
14
Data Byte 3 to 03
H
-YL
15
Data Byte 4 to 04
H
-YH
16
Data Byte 5 to 05
H
-
FCNT_STAT
17
Data Byte 6 to 06
H
-
FSYNC_INV
18
CRC
-
calc. CRC value
19
Slave-active
-
cccc_nnnn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com