Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 22 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 22 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 18Page - Infineon Technologies AG TLE5011 Datasheet HTML 19Page - Infineon Technologies AG TLE5011 Datasheet HTML 20Page - Infineon Technologies AG TLE5011 Datasheet HTML 21Page - Infineon Technologies AG TLE5011 Datasheet HTML 22Page - Infineon Technologies AG TLE5011 Datasheet HTML 23Page - Infineon Technologies AG TLE5011 Datasheet HTML 24Page - Infineon Technologies AG TLE5011 Datasheet HTML 25Page - Infineon Technologies AG TLE5011 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
TLE5011
Specification
Final Data Sheet
22
V2.0, 2011-03
3.8
Clock Supply (CLK Timing Definition)
The clock signal input “CLK” must fulfill certain requirements described in this section:
•
The high or low pulse width must not exceed the specified values, because the PLL needs a minimum pulse
width and must be spike filtered.
•
The duty-cycle factor should be 0.5 but can deviate from the values limited by t
CLKh(f_min) and tCLKl(f_min).
•
The PLL is triggered at the positive edge of the clock. If more than 2 edges are missing, a chip reset is
generated automatically.
Figure 9
CLK Timing Definition
3.9
Synchronous Serial Communication Interface (SSC)
The 3-pin SSC interface has a bidirectional data line (open drain), a serial clock signal, and Chip Select.
The SSC interface is designed to communicate with a microcontroller with bi-directional SSC interface supporting
open drain. Other microcontrollers may require an external NPN transistor.
This allows communication with SPI-compatible devices.
Table 12
CLK Timing Specification
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Input Frequency
fCLK
3.8
4.00
4.2
MHz
CLK Duty Cycle
1)
1) Minimum duty-cycle factor: t
CLKh(f_min) /tCLK(f_min) with tCLK(f_min) =1/ fCLK(f_min)
Maximum duty-cycle factor: t
CLKh(f_max) /tCLK(f_min)with tCLKh(f_max) =tCLK(f_min) -tCLKl(min)
CLKDUTY
30
50
70
%
CLK rise time
tCLKr
-
-
20
ns
from V
L to VH
CLK fall time
tCLKf
-
-
20
ns
from V
H to VL
PLL Frequency
fPLL
-100
-
MHz
fCLK *25
Digital Clock
fDIG
-25
-
MHz
( 25 / 4 ) * f
CLK
Digital Clock Periode
tDIG
-
40
-
ns
4/(25* f
CLK)
t
CLKh
t
CLKl
t
CLK
t
V
L
V
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com