Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 24Page - Infineon Technologies AG TLE5011 Datasheet HTML 25Page - Infineon Technologies AG TLE5011 Datasheet HTML 26Page - Infineon Technologies AG TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
TLE5011
Specification
Final Data Sheet
28
V2.0, 2011-03
S
Status
Reset only after readout
R
Read
Read-only registers
W
Write
Read and write registers
CTRL1
Addr: 00
H
Reset Value: 01
H
76
54
32
10
reserved
reserved
reserved
reserved
SSC_FILT
reserved
AUTO
UR
--
-
W L
W L
-
W L
W L
Field
Bits
Type
Description
reserved
7
-
Reserved, must be set to 0
reserved
6
-
Reserved, must be set to 0
reserved
5
-
Reserved, must be set to 0
reserved
4
-
Reserved, must be set to 0
SSC_FILT
3
W L
SSC Digital Spike Filter enable for all SSC lines ( CS, CLK and
DATA )
0: Digital SSC Spike filters off
1: Digital SSC Spike filters on (modified timing)
reserved
2
-
Reserved, must be set to 0
AUTO
1
W L
Automatic update at angle tests
0: no automatic update in Angle Test Mode
1: automatic update-command after t
settle,
counters FSYNC and FCNT are reset to 0. Then the Angle-Test
(ANGT_EN) is automatically disabled and switches back to normal
operation.
Also, the UPDATE bit is toggled
UR
0
W L
Update / Run Mode
0: Run Mode (Buffer1 values are immediate values)
1: Update Mode (Buffer2 values are stored values)
The values in Register 01H to 04H represent one Byte of two’s complement signed 16 bit integer values.
X_L
Addr: 01
H
Reset Value: 00
H
76
54
32
10
X Low Byte
R U
X_H
Addr: 02
H
Reset Value: 00
H
76
54
32
10
X High Byte
R U
Abbreviation
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com