Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 37Page - Infineon Technologies AG TLE5011 Datasheet HTML 38Page - Infineon Technologies AG TLE5011 Datasheet HTML 39Page - Infineon Technologies AG TLE5011 Datasheet HTML 40Page - Infineon Technologies AG TLE5011 Datasheet HTML 41Page - Infineon Technologies AG TLE5011 Datasheet HTML 42Page - Infineon Technologies AG TLE5011 Datasheet HTML 43Page - Infineon Technologies AG TLE5011 Datasheet HTML 44Page - Infineon Technologies AG TLE5011 Datasheet HTML 45Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 42 / 45 page
background image
TLE5011
Package Information
Final Data Sheet
42
V2.0, 2011-03
4
Package Information
4.1
Package Parameters
Package Outline PG-DSO-8
Figure 23
PG-DSO-8 Package Dimension
Table 21
Package Parameters
Parameter
Symbol
Limit Values
Unit
Notes
min.
typ.
max.
Thermal Resistance
RthJA
-
150
200
K/W
Junction to air
1)
1) According to Jedec JESD51-7
RthJC
-
-
75
K/W
Junction to case
RthJL
-
-
85
K/W
Junction to lead
Soldering Moisture Level
MSL 3
260°C
Lead frame
Cu
Plating
Sn 100%
> 7 µm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com