Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 37 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 37 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 33Page - Infineon Technologies AG TLE5011 Datasheet HTML 34Page - Infineon Technologies AG TLE5011 Datasheet HTML 35Page - Infineon Technologies AG TLE5011 Datasheet HTML 36Page - Infineon Technologies AG TLE5011 Datasheet HTML 37Page - Infineon Technologies AG TLE5011 Datasheet HTML 38Page - Infineon Technologies AG TLE5011 Datasheet HTML 39Page - Infineon Technologies AG TLE5011 Datasheet HTML 40Page - Infineon Technologies AG TLE5011 Datasheet HTML 41Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
TLE5011
Specification
Final Data Sheet
37
V2.0, 2011-03
3.10
Test Structures
Two different test signal structures are implemented in the TLE5011:
•
Functional Angle Test. In this case, well-known signals feed the ADCs.
•
Temperature Measurement. This is useful to read out the chip temperature for compensation purposes.
3.10.1
Functional Angle Tests
It is possible to feed the ADCs with appropriate values to simulate a certain magnet position and other GMR
effects.
The values are generated with resistors on the chip.
The following X / Y ADC values can be programmed:
•
4 points, circle amplitude = 70.7%
(0°, 90°, 180°, 270°)
•
8 points, circle amplitude = 100.0%
(0°, 45°, 90°, 135°,180°, 225°, 270°, 315°)
•
8 points, circle amplitude = 122.1%
(35.3°, 54.7°, 125.3°, 144.7°, 215.3°, 234.7°, 305.3°, 324.7°)
•
4 points, circle amplitude = 141.4%
(45°, 135°, 225°, 315°)
Note: The 100% values typically correspond to 21700 digits and a voltage of ~ 110 mV.
Table 18
Functional Angle Test
Register bits
X / Y Values (decimal)
min.
typ.
max.
000
-400
0
400
001
14800
15500
16200
010
20700
21700
22700
011
32767
100
1)
1) Not allowed to use.
-400
0
400
101
-16200
-15500
-14800
110
-22700
-21700
-20700
111
-32768



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com