Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 25Page - Infineon Technologies AG TLE5011 Datasheet HTML 26Page - Infineon Technologies AG TLE5011 Datasheet HTML 27Page - Infineon Technologies AG TLE5011 Datasheet HTML 28Page - Infineon Technologies AG TLE5011 Datasheet HTML 29Page - Infineon Technologies AG TLE5011 Datasheet HTML 30Page - Infineon Technologies AG TLE5011 Datasheet HTML 31Page - Infineon Technologies AG TLE5011 Datasheet HTML 32Page - Infineon Technologies AG TLE5011 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
TLE5011
Specification
Final Data Sheet
29
V2.0, 2011-03
Y_L
Addr: 03
H
Reset Value: 00
H
76
54
32
10
Y Low Byte
R U
Y_H
Addr: 04
H
Reset Value: 00
H
76
54
32
10
Y High Byte
R U
FCNT_STAT
Addr: 05
H
Reset Value: 80
H
76
54
32
10
reserved
STAT_VR
GMR_OFF
UPDATE
FCNT
-R S
R U
R S
R U
Field
Bits
Type
Description
reserved
7
-
STAT_VR
6
RS
Voltage Regulator Status
This bit is a logical OR combination of Digital, Analog, GMR and
VDD_OV Comparator and GND_OFF, and VDD_OFF Comparator
outputs.
0: Voltage Supply OK
1: Voltage Supply is not OK
GMR_OFF
5
RU
ADC Values are no GMR values
(e.g.: Temperature measurement is active)
This bit indicates whether or not GMR values or any other values are
connected to the ADCs. This value is read back from the multiplexer
control signals.
0: X,Y Values are GMR values
1: X,Y Values normally represent temperature measurement or angle
test values. In the case of non-functional MUX, this bit is set to 1
UPDATE
4
RU
Update Toggle bit. This bit toggles after every update (update command
or automatic update at angle test)
The bit is independent of UR bit in CTRL1
FCNT
3-0
RU
Frame Counter (4-bit unsigned integer value)
This counter counts every new X,Y value pair coming out of the data
path. (approx. 80µs)
This counter is reset to 0
H after any write to FSYNC and after every
change of the ANGT_EN bit. As t
settle time has to elapse for valid X,Y
data, this counter must be
≥ 2
H to indicate valid X,Y values. If it
overflows, it resets to 3
H to show that values are still valid.
Note: If FIR_BYP is activated, this counter counts four times faster!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com