Electronic Components Datasheet Search
  English  ▼

X  

TLE5011 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # TLE5011
Description  GMR Angle Sensor
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE5011 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button TLE5011 Datasheet HTML 4Page - Infineon Technologies AG TLE5011 Datasheet HTML 5Page - Infineon Technologies AG TLE5011 Datasheet HTML 6Page - Infineon Technologies AG TLE5011 Datasheet HTML 7Page - Infineon Technologies AG TLE5011 Datasheet HTML 8Page - Infineon Technologies AG TLE5011 Datasheet HTML 9Page - Infineon Technologies AG TLE5011 Datasheet HTML 10Page - Infineon Technologies AG TLE5011 Datasheet HTML 11Page - Infineon Technologies AG TLE5011 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
TLE5011
Functional Description
Final Data Sheet
8
V2.0, 2011-03
2
Functional Description
2.1
General
The GMR angle sensor is implemented in vertical integration. This means that the GMR active areas are
integrated above the logic portion of the TLE5011 device. GMR elements change their resistance depending on
the direction of the magnetic field.
Four individual GMR elements are connected to one Wheatstone sensor bridge. These GMR elements sense
either of two components of the applied magnetic field:
•
X component, V
X (cosine)
•
Y component, V
Y (sine)
The advantage of a full-bridge structure is that the amplitude of the GMR signal is doubled.
Figure 1
Sensitive Bridges of the GMR Angle Sensor
Note: In Figure 1, the arrows in the resistor symbols denote the direction of the reference layer, which is used for
the further explanation (Figure 2).
The output signal of each bridge is only unambiguous over 180° between two maxima. Therefore two bridges are
orientated orthogonally to each other to measure the 360° angle range.
Using the ARCTAN function, the true 360° angle value can be calculated that is represented by the relation of the
cosine (here X) and sine (here Y) signals.
Because only the relative values influence the result, the absolute size of the two signals is of minor importance.
Therefore, most influences on the amplitudes are compensated.
VDDG
GND
ADCX+
GMR Resistors
ADCX-ADCY+ADCY-
VX
VY
0°
N
S
90°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com